công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 748 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 748 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 744Page - Renesas Technology Corp H8S/2114R Datasheet HTML 745Page - Renesas Technology Corp H8S/2114R Datasheet HTML 746Page - Renesas Technology Corp H8S/2114R Datasheet HTML 747Page - Renesas Technology Corp H8S/2114R Datasheet HTML 748Page - Renesas Technology Corp H8S/2114R Datasheet HTML 749Page - Renesas Technology Corp H8S/2114R Datasheet HTML 750Page - Renesas Technology Corp H8S/2114R Datasheet HTML 751Page - Renesas Technology Corp H8S/2114R Datasheet HTML 752Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 748 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 700 of 986
REJ09B0098-0300
18.4.9
Flash Memory Address Translation (Host
→ Slave)
A host address is translated into a flash memory address by the settings of HBAR1, HBAR2,
ASSR, SAR1, and SAR2. The slave address which exceeds H'0FFFFF must not be specified. The
host addresses within the range of H'00000000 to H'FFFFFFFF are available for translation and
the flash memory addresses within the range of H'000000 to H'0FFFFF are available. Figure 18.9
shows an example of the flash memory address translation.
H'000E0000
H'000FFFFF
H'050000
H'06FFFF
H'070000
H'FFE00000
H'0EFFFF
H'0FFFFF
H'FFE7FFFF
HBAR1: H'000E, HBAR2: H'FFE,
SAR1: H'05, SAR2: H'07,
ASSR: H'14 (128 k, 512k),
Host address 1: H'000FFFF0
Host address 2: H'FFE00000
Host address
Slave address
On-chip ROM
128 kbytes
512 kbytes
128 kbytes
512 kbytes
Figure 18.9 Example of Flash Memory Address Translation
The host address space is specified by the settings of HBAR1, HBAR2, and ASSR as shown in
figure 18.9. The host must use addresses within this range. Addresses which are not within this
range will cause an address exception and any memory access is not performed.
The slave address space is specified by the settings of SAR1, SAR2, and ASSR as shown in figure
18.9.
The host and slave address spaces are specified by the settings of HBAR1, bits 7 to 4 in ASSR,
and SAR1, or HBAR2, bits 3 to 0 in ASSR, and SAR2. Each of those two areas must be specified
so that they are not overlapped. If two areas are overlapped, address space 1 has priority.
The host address of H'000FFF0 is translated shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com