công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 744 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 744 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 740Page - Renesas Technology Corp H8S/2114R Datasheet HTML 741Page - Renesas Technology Corp H8S/2114R Datasheet HTML 742Page - Renesas Technology Corp H8S/2114R Datasheet HTML 743Page - Renesas Technology Corp H8S/2114R Datasheet HTML 744Page - Renesas Technology Corp H8S/2114R Datasheet HTML 745Page - Renesas Technology Corp H8S/2114R Datasheet HTML 746Page - Renesas Technology Corp H8S/2114R Datasheet HTML 747Page - Renesas Technology Corp H8S/2114R Datasheet HTML 748Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 744 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 696 of 986
REJ09B0098-0300
14. Buffer initialization command
When receiving the CMDB address in an LPC/FW memory write cycle, the LPC initializes the
buffer. When BUFINIIE = 1, or BUFINIIE = 0 and HDINIE = 0, the LPC sets the BUFINII
interrupt flag (one of the LMCI interrupt sources) to 1 on reception of the buffer initialization
command. The slave must clear the BUFINIIE bit to 0 after reading BUFINII = 1 on
completion of the buffer initialization. The host reads LMCST1, waiting for the BUFINIIE bit
cleared. During initialization, the commands for a memory access or an interrupt generation
are prohibited. When BUFINIIE = 0 and HDINIE = 1, the LPC initializes the buffer. In this
case, the buffer contents of 128 bytes are initialized to H'FF by generation of memory cycles.
To decide whether or not to complete the initialization, check the LMCBUSY bit. During
LMCBUSY = 1, the commands for a memory access or an interrupt generation are prohibited.
15. User command
When receiving the CMDC address in an LPC/FW memory write cycle, the LPC executes the
user command. When receiving the user command, the LPC sets the USERI interrupt flag. The
slave must clear the USERI bit to 0 after reading USERI = 1. The host reads LMCST1, waiting
for the USERI bit cleared. During execution, the commands for an interrupt generation are
prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com