công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 743 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 743 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 739Page - Renesas Technology Corp H8S/2114R Datasheet HTML 740Page - Renesas Technology Corp H8S/2114R Datasheet HTML 741Page - Renesas Technology Corp H8S/2114R Datasheet HTML 742Page - Renesas Technology Corp H8S/2114R Datasheet HTML 743Page - Renesas Technology Corp H8S/2114R Datasheet HTML 744Page - Renesas Technology Corp H8S/2114R Datasheet HTML 745Page - Renesas Technology Corp H8S/2114R Datasheet HTML 746Page - Renesas Technology Corp H8S/2114R Datasheet HTML 747Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 695 of 986
REJ09B0098-0300
9. WRITEE clear command
When receiving the CMD8 address in an LPC/FW memory write cycle, the LPC clears the
WRITEE bit. Clearing the WRITEE bit avoids unintentional write accesses to the on-chip
RAM.
10. FLWAR set command
When receiving an FL address and the data of H'80 in an LPC/FW memory write cycle, the
LPC stores the FL address in FLWAR and set the BUFTRAN bit to 1 for the data write
command (flash memory). The BUFTRAN bit must be cleared to 0 to set data in FLWAR. If
the data of H'80 is written to the FL address, the data write command (flash memory) is
executed. The BUFTRAN bit must be cleared to 0 to set data in FLWAR.
Bits 4 to 0 in FLWARH store bits 19 to 15 of the transfer address and bits 7 to 0 in FLWARL
store the bits 14 to 7 of the transfer address. Bits 7 to 5 in FLWARH are fixed B'000.
11. Data write (flash memory)
When receiving an address which matches the FLWAR contents and data to be written to with
the BUFTRAN bit set to 1 in an LPC/FW memory write cycle, the LPC stores the data to be
written to the address selected by the RBUFAR contents. Byte, word, and longword transfers
are supported in FW memory write cycles. Since receiving the data write command to the flash
memory generates a memory access, confirm the LMCBUSY bit cleared to 0 after completion
of an LPC/FW memory write cycle. It is needed to decide the internal memory access status
since a wait state is not inserted in a write cycle. When the LMCBUSY is set, the commands
for an interrupt generation are prohibited. The BUFTRAN bit is not cleared after the data write
command is completed. To clear the BUFTRAN bit, the BUFTRAN clear command must be
executed. The addresses are compared between bits 7 to 0 in FLWARH and bits 22 to 15 of the
transfer address, or between bits 7 to 0 in FLWARH and bits 14 to 7 of the transfer address.
The lower six bits are not compared and are used as a buffer address without any change.
12. Flash Programming memory
When receiving the CMD9 address with the BUFTRAN set to 1 in an LPC/FW memory write
cycle, the LPC programs the flash memory. When receiving the flash memory programming
command, the LPC set the FLPI interrupt flag (one of the LMCI interrupt sources) and clears
the BUFTRAN bit at the same time. The slave must clear the FLPI bit to 0 after reading FLPI
= 1 on completion of programming the flash memory. The host reads LMCST1, waiting for the
FLPI bit cleared. After reading FLPI = 0 and checking the FLPERR bit, the host starts the next
command. During programming, the commands for a memory access or an interrupt
generation are prohibited.
13. BUFTRAN clear
When receiving the CMDA address in an LPC/FW memory write cycle, the LPC clears the
BUFTRAN bit. FLWAR can store another data after clearing the BUFTRAN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com