công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 745 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 745 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 741Page - Renesas Technology Corp H8S/2114R Datasheet HTML 742Page - Renesas Technology Corp H8S/2114R Datasheet HTML 743Page - Renesas Technology Corp H8S/2114R Datasheet HTML 744Page - Renesas Technology Corp H8S/2114R Datasheet HTML 745Page - Renesas Technology Corp H8S/2114R Datasheet HTML 746Page - Renesas Technology Corp H8S/2114R Datasheet HTML 747Page - Renesas Technology Corp H8S/2114R Datasheet HTML 748Page - Renesas Technology Corp H8S/2114R Datasheet HTML 749Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 697 of 986
REJ09B0098-0300
Table 18.11 lists the factors that prevent the SYNC from being sent back in an LPC/FW memory
read cycle.
Table 18.11 List of Factors that Prevents SYNC Field being Sent Back
Command
Factor
Remarks
Common to all
commands
Start not match
Device selection not match
In FW memory access cycle
Address not match
Size error
In FW memory access cycle (other than
byte, word, longword)
Data read
Reading address which has already been
accessed disabled
According to the FRPR/RAMRE register
settings
Accessing on-chip memory is in progress LMCBUSY = 1
Interrupt processing is in progress
While following processes are in
progress:
• Programming flash memory
(FLPI = 1)
• Erasing flash memory (FLEI = 1)
• Initializing buffer (BUFINII = 1)
• Processing user command (USERI
= 1)
Block erasure
Erasure command disabled
ERASEE = 0
Erasure protect blocks
According to the FWPR register setting
Erase block number error
Other than 0 to 23
On-chip memory access is in progress
LMCBUSY = 1
Interrupt processing is in progress
While following processes are in
progress:
• Programming flash memory
(FLPI = 1)
• Erasing flash memory (FLEI = 1)
• Initializing buffer (BUFINII = 1)
• Processing user command (USERI
= 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com