công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 738 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 738 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 734Page - Renesas Technology Corp H8S/2114R Datasheet HTML 735Page - Renesas Technology Corp H8S/2114R Datasheet HTML 736Page - Renesas Technology Corp H8S/2114R Datasheet HTML 737Page - Renesas Technology Corp H8S/2114R Datasheet HTML 738Page - Renesas Technology Corp H8S/2114R Datasheet HTML 739Page - Renesas Technology Corp H8S/2114R Datasheet HTML 740Page - Renesas Technology Corp H8S/2114R Datasheet HTML 741Page - Renesas Technology Corp H8S/2114R Datasheet HTML 742Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 738 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 690 of 986
REJ09B0098-0300
address, or an on-chip memory is written after receiving an address and data. So, if a transfer cycle
forced termination (abort) after receiving an address and data, an on-chip memory may be
accessed.
Table 18.8
LPC Memory Cycle
LPC Memory Read Cycle
LPC Memory Write Cycle
State
Count
Contents
Drive
Source
Value
(3 to 0)
Contents
Drive
Source
Value
(3 to 0)
1
Start
Host
0000
Start
Host
0000
2
Cycle type/direction
Host
0000
Cycle type/direction
Host
0010
3
Address 1
Host
Bits 31 to 28
Address 1
Host
Bits 31 to 28
4
Address 2
Host
Bits 27 to 24
Address 2
Host
Bits 27 to 24
5
Address 3
Host
Bits 23 to 20
Address 3
Host
Bits 23 to 20
6
Address 4
Host
Bits 19 to 16
Address 4
Host
Bits 19 to 16
7
Address 5
Host
Bits 15 to 12
Address 5
Host
Bits 15 to 12
8
Address 6
Host
Bits 11 to 8
Address 6
Host
Bits 11 to 8
9
Address 7
Host
Bits 7 to 4
Address 7
Host
Bits 7 to 4
10
Address 8
Host
Bits 3 to 0
Address 8
Host
Bits 3 to 0
11
Turnaround (recovery)
Host
1111
Data 1
Host
Bits 3 to 0
12
Turnaround
None
ZZZZ
Data 2
Host
Bits 7 to 4
13
Wait*
Slave
0101/0110
Turnaround (recovery)
Host
1111
14
Synchronization
Slave
0000
Turnaround
None
ZZZZ
15
Data 1
Slave
Bits 3 to 0
Synchronization
Slave
0000
16
Data 2
Slave
Bits 7 to 4
Turnaround (recovery)
Slave
1111
17
Turnaround (recovery)
Slave
1111
Turnaround
None
ZZZZ
18
Turnaround
None
ZZZZ
Note:
*
The number of wait states differs depending on the length of the time to turn the bus
control over and the system clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com