công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 736 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 736 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 732Page - Renesas Technology Corp H8S/2114R Datasheet HTML 733Page - Renesas Technology Corp H8S/2114R Datasheet HTML 734Page - Renesas Technology Corp H8S/2114R Datasheet HTML 735Page - Renesas Technology Corp H8S/2114R Datasheet HTML 736Page - Renesas Technology Corp H8S/2114R Datasheet HTML 737Page - Renesas Technology Corp H8S/2114R Datasheet HTML 738Page - Renesas Technology Corp H8S/2114R Datasheet HTML 739Page - Renesas Technology Corp H8S/2114R Datasheet HTML 740Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 736 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 688 of 986
REJ09B0098-0300
Table 18.7
Serialized Interrupt Transfer Cycle Frame Configuration
Serial Interrupt Transfer Cycle
Frame
Count
Contents
Drive
Source
Number
of States
Notes
0
Start
Slave
Host
6
In quiet mode only, slave drive possible in first
state, then next 3 states 0-driven by host
1
IRQ0
Slave
3
2
IRQ1
Slave
3
Drive possible in LPC channel 1
3
SMI
Slave
3
Drive possible in LPC channels 2, 3, and 4
4
IRQ3
Slave
3
5
IRQ4
Slave
3
6
IRQ5
Slave
3
7
IRQ6
Slave
3
Drive possible in LPC channels 2, 3, and 4
8
IRQ7
Slave
3
9
IRQ8
Slave
3
10
IRQ9
Slave
3
Drive possible in LPC channels 2, 3, and 4
11
IRQ10
Slave
3
Drive possible in LPC channels 2, 3, and 4
12
IRQ11
Slave
3
Drive possible in LPC channels 2, 3, and 4
13
IRQ12
Slave
3
Drive possible in LPC channel 1
14
IRQ13
Slave
3
15
IRQ14
Slave
3
16
IRQ15
Slave
3
17
IOCHCK
Slave
3
18
Stop
Host
Undefined
First, 1 or more idle states, then 2 or 3 states
0-driven by host
2 states: Quiet mode next
3 states: Continuous mode next
There are two modes
continuous mode and quiet modefor serialized interrupts. The mode
initiated in the next transfer cycle is selected by the stop frame of the serialized interrupt transfer
cycle that ended before that cycle.
In continuous mode, the host initiates host interrupt transfer cycles at regular intervals. In quiet
mode, the slave with interrupt sources requiring a request can also initiate an interrupt transfer
cycle, in addition to the host. In quiet mode, since the host does not necessarily initiate interrupt
transfer cycles, it is possible to suspend the clock (LCLK) supply and enter the power-down state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com