công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 735 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 735 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 731Page - Renesas Technology Corp H8S/2114R Datasheet HTML 732Page - Renesas Technology Corp H8S/2114R Datasheet HTML 733Page - Renesas Technology Corp H8S/2114R Datasheet HTML 734Page - Renesas Technology Corp H8S/2114R Datasheet HTML 735Page - Renesas Technology Corp H8S/2114R Datasheet HTML 736Page - Renesas Technology Corp H8S/2114R Datasheet HTML 737Page - Renesas Technology Corp H8S/2114R Datasheet HTML 738Page - Renesas Technology Corp H8S/2114R Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 687 of 986
REJ09B0098-0300
18.4.5
LPC Interface Serialized Interrupt Operation (SERIRQ)
A host interrupt request can be issued from the LPC interface by means of the SERIRQ pin. In a
host interrupt request via the SERIRQ pin, LCLK cycles are counted from the start frame of the
serialized interrupt transfer cycle generated by the host or a peripheral function, and a request
signal is generated by the frame corresponding to that interrupt. The timing is shown in figure
18.6.
IRQ1
IRQ1
Host controller
None
None
SERIRQ
Drive source
LCLK
START
Start frame
IRQ0 frame
IRQ1 frame
IRQ2 frame
SL
or
H
HR
T
R
ST
R
ST
R
S
T
IRQ15
Host controller
None
None
SERIRQ
Driver
LCLK
START
STOP
IOCHCK frame
Stop frame
Next cycle
IRQ14 frame
IRQ15 frame
R
ST
R
ST
R
ST
R
T
H
I
H = Host control, SL = Slave control, R = Recovery, T = Turnaround, S = Sample
H = Host control, R = Recovery, T = Turnaround, S = Sample, I = Idle
Figure 18.6 SERIRQ Timing
The serialized interrupt transfer cycle frame configuration is as follows. Two of the states
comprising each frame are the recover state in which the SERIRQ signal is returned to the 1-level
at the end of the frame, and the turnaround state in which the SERIRQ signal is not driven. The
recover state must be driven by the host or slave that was driving the preceding state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com