công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 737 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 737 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 733Page - Renesas Technology Corp H8S/2114R Datasheet HTML 734Page - Renesas Technology Corp H8S/2114R Datasheet HTML 735Page - Renesas Technology Corp H8S/2114R Datasheet HTML 736Page - Renesas Technology Corp H8S/2114R Datasheet HTML 737Page - Renesas Technology Corp H8S/2114R Datasheet HTML 738Page - Renesas Technology Corp H8S/2114R Datasheet HTML 739Page - Renesas Technology Corp H8S/2114R Datasheet HTML 740Page - Renesas Technology Corp H8S/2114R Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 689 of 986
REJ09B0098-0300
In order for a slave to transfer an interrupt request in this case, a request to restart the clock must
first be issued to the host. For details see section 18.4.6, LPC Interface Clock Start Request.
18.4.6
LPC Interface Clock Start Request
A request to restart the clock (LCLK) can be sent to the host by means of the
CLKRUN pin. With
LPC data transfer and SERIRQ in continuous mode, a clock restart is never requested since the
transfer cycles are initiated by the host. With SERIRQ in quiet mode, when a host interrupt
request is generated the
CLKRUN signal is driven and a clock (LCLK) restart request is sent to
the host. The timing for this operation is shown in figure 18.7.
CLK
CLKRUN
Pull-up enable
Drive by the host processor
Drive by the slave processor
1
2
3
4
5
6
Figure 18.7 Clock Start Request Timing
Cases other than SERIRQ in quiet mode when clock restart is required must be handled with a
different protocol, using the
PME signal, etc.
18.4.7
LPC/FW Memory Cycle
In LPC/FW memory read or LPC/FW memory write cycles, data is transferred via pins LAD3 to
LAD0 in the following order, in synchronization with the LCLK. The slave can report an error to
the host by sending back a value of B'1010 in the synchronization return cycle of the slave. The
LPC of this LSI however a value of B'0000 (ready), B'0101 (short wait), or B'0110(long wait)
always returns.
If the received address matches an address of the area the host can access (the area selected by the
LPC registers: HBAR1, HBAR2, ASSR, RAMBAR, and RAMASSR), the LPC interface enters
the busy state; it returns to the idle state by a turnaround output by the slave. Register and flag
changes are made at this timing, so in the event of a transfer cycle forced termination (abort),
registers and flags are not changed. An on-chip memory, however, is read after receiving an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com