công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 682 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 682 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 678Page - Renesas Technology Corp H8S/2114R Datasheet HTML 679Page - Renesas Technology Corp H8S/2114R Datasheet HTML 680Page - Renesas Technology Corp H8S/2114R Datasheet HTML 681Page - Renesas Technology Corp H8S/2114R Datasheet HTML 682Page - Renesas Technology Corp H8S/2114R Datasheet HTML 683Page - Renesas Technology Corp H8S/2114R Datasheet HTML 684Page - Renesas Technology Corp H8S/2114R Datasheet HTML 685Page - Renesas Technology Corp H8S/2114R Datasheet HTML 686Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 634 of 986
REJ09B0098-0300
18.3.9
Status Registers 1 to 4 (STR1 to STR4)
STR1 to STR4 are 8-bit registers that indicate status information during LPC interface processing.
The registers selected from the host according to the I/O address are shown in the following table.
For information on STR3 and STR4 selection, see the section of the corresponding LADR. In an
LPC I/O read cycle, the data in the selected register is transferred to the host.
I/O Address
Bits 15 to 4
Bit 3
Bit 2
Bit 1
Bit 0
Transfer
Cycle
Host Register Selection
Bits 15 to 4
Bit 3
1
Bit1
Bit 0
I/O read
STRn read
n = 1 to 4
Note:
In bits 15 to 0, channel 1 and channel 2 corresponds to H'0064 and H'0066, respectively.
• STR1
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
6
5
4
DBU17
DBU16
DBU15
DBU14
0
0
0
0
R/W
R/W
R/W
R/W
R
R
R
R
Defined by User
The user can use these bits as necessary.
3
C/
D1
0
R
R
Command/Data
When the host writes to IDR1, bit 2 of the I/O address
is written into this bit to indicate whether IDR1
contains data or a command.
0: Content of input data register (IDR1) is a data
1: Content of input data register (IDR1) is a
command
2
DBU12
0
R/W
R
Defined by User
The user can use this bit as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com