công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 681 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 681 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 677Page - Renesas Technology Corp H8S/2114R Datasheet HTML 678Page - Renesas Technology Corp H8S/2114R Datasheet HTML 679Page - Renesas Technology Corp H8S/2114R Datasheet HTML 680Page - Renesas Technology Corp H8S/2114R Datasheet HTML 681Page - Renesas Technology Corp H8S/2114R Datasheet HTML 682Page - Renesas Technology Corp H8S/2114R Datasheet HTML 683Page - Renesas Technology Corp H8S/2114R Datasheet HTML 684Page - Renesas Technology Corp H8S/2114R Datasheet HTML 685Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 681 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 633 of 986
REJ09B0098-0300
18.3.7
Output Data Registers 1 to 4 (ODR1 to ODR4)
ODR1 to ODR4 are 8-bit readable/writable registers for the slave (this LSI), and 8-bit read-only
registers for the host. The registers selected from the host according to the I/O address are shown
in the following table. For information on ODR3 and ODR4 selection, see the section of the
corresponding LADR. In an LPC I/O read cycle, the data in the selected register is transferred to
the host. The initial values of ODR1 to ODR4 are undefined.
I/O Address
Bits 15 to 4
Bit 3
Bit 2
Bit 1
Bit 0
Transfer
Cycle
Host Register Selection
Bits 15 to 4
Bit 3
0
Bit1
Bit 0
I/O read
ODRn read
n = 1 to 4
Note:
In bits 15 to 0, channel 1 and channel 2 corresponds to H'0060 and H'0062, respectively.
18.3.8
Bidirectional Data Registers 0 to 15 (TWR0 to TWR15)
TWR0 to TWR15 are sixteen 8-bit readable/writable registers to both the slave (this LSI) and host.
In TWR0, however, two registers (TWR0MW and TWR0SW) are allocated to the same address
for both the host and the slave addresses. TWR0MW is a write-only register for the host, and a
read-only register for the slave, while TWR0SW is a write-only register for the slave and a
read-only register for the host. When the host and slave begin a write, after the respective registers
of TWR0 have been written to, arbitration for simultaneous access is performed by checking the
status flags whether or not those writes were valid. For the registers selected from the host
according to the I/O address, see section 18.3.4, LPC Channel 3 Address Registers H and L
(LADR3H and LADR3L).
Data transferred in an LPC I/O write cycle is written to the selected register; in an LPC I/O read
cycle, the data in the selected register is transferred to the host. The initial values of TWR0 to
TWR15 are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com