công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 684 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 684 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 680Page - Renesas Technology Corp H8S/2114R Datasheet HTML 681Page - Renesas Technology Corp H8S/2114R Datasheet HTML 682Page - Renesas Technology Corp H8S/2114R Datasheet HTML 683Page - Renesas Technology Corp H8S/2114R Datasheet HTML 684Page - Renesas Technology Corp H8S/2114R Datasheet HTML 685Page - Renesas Technology Corp H8S/2114R Datasheet HTML 686Page - Renesas Technology Corp H8S/2114R Datasheet HTML 687Page - Renesas Technology Corp H8S/2114R Datasheet HTML 688Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 684 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 636 of 986
REJ09B0098-0300
R/W
Bit
Bit Name Initial Value Slave
Host Description
1
IBF2
0
R
R
Input Buffer Full
This bit is an internal interrupt source to the slave
(this LSI).
0: [Clearing condition]
When the slave reads IDR2
1: [Setting condition]
When the host writes to IDR2 in I/O write cycle
0
OBF2
0
R/(W)* R
Output Buffer Full
0: [Clearing conditions]
• When the host reads ODR2 in I/O read cycle
• When the slave writes 0 to the OBF2 bit
1: [Setting condition]
• When the slave writes to ODR2
Note:
* Only 0 can be written to clear the flag.
• STR3 (TWRE = 1 or SELSTR3 = 0)
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
IBF3B
0
R
R
Bidirectional Data Register Input Buffer Full Flag
This is an internal interrupt source to the slave (this
LSI).
0: [Clearing condition]
When the slave reads TWR15
1: [Setting condition]
When the host writes to TWR15 in I/O write cycle
6
OBF3B
0
R/(W)* R
Bidirectional Data Register Output Buffer Full Flag
0: [Clearing conditions]
• When the host reads TWR15 in I/O read cycle
• When the slave writes 0 to the OBF3B bit
1: [Setting condition]
• When the slave writes to TWR15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com