công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 683 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 683 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 679Page - Renesas Technology Corp H8S/2114R Datasheet HTML 680Page - Renesas Technology Corp H8S/2114R Datasheet HTML 681Page - Renesas Technology Corp H8S/2114R Datasheet HTML 682Page - Renesas Technology Corp H8S/2114R Datasheet HTML 683Page - Renesas Technology Corp H8S/2114R Datasheet HTML 684Page - Renesas Technology Corp H8S/2114R Datasheet HTML 685Page - Renesas Technology Corp H8S/2114R Datasheet HTML 686Page - Renesas Technology Corp H8S/2114R Datasheet HTML 687Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 683 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 635 of 986
REJ09B0098-0300
R/W
Bit
Bit Name Initial Value Slave
Host Description
1
IBF1
0
R
R
Input Buffer Full
This bit is an internal interrupt source to the slave
(this LSI). The IBF1 flag setting and clearing
conditions are different when the fast Gate A20 is
used. For details, see table 18.4.
0: [Clearing condition]
When the slave reads IDR1
1: [Setting condition]
When the host writes to IDR1 in I/O write cycle
0
OBF1
0
R/(W)* R
Output Buffer Full
0: [Clearing conditions]
• When the host reads ODR1 in I/O read cycle
• When the slave writes 0 to the OBF1 bit
1: [Setting condition]
• When the slave writes to ODR1
Note:
* Only 0 can be written to clear the flag.
• STR2
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
6
5
4
DBU27
DBU26
DBU25
DBU24
0
0
0
0
R/W
R/W
R/W
R/W
R
R
R
R
Defined by User
The user can use these bits as necessary.
3
C/
D2
0
R
R
Command/Data
When the host writes to IDR2, bit 2 of the I/O address
is written into this bit to indicate whether IDR2
contains data or a command.
0: Content of input data register (IDR2) is a data
1: Content of input data register (IDR2) is a
command
2
DBU22
0
R/W
R
Defined by User
The user can use this bit as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com