công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 678 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 678 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 674Page - Renesas Technology Corp H8S/2114R Datasheet HTML 675Page - Renesas Technology Corp H8S/2114R Datasheet HTML 676Page - Renesas Technology Corp H8S/2114R Datasheet HTML 677Page - Renesas Technology Corp H8S/2114R Datasheet HTML 678Page - Renesas Technology Corp H8S/2114R Datasheet HTML 679Page - Renesas Technology Corp H8S/2114R Datasheet HTML 680Page - Renesas Technology Corp H8S/2114R Datasheet HTML 681Page - Renesas Technology Corp H8S/2114R Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 630 of 986
REJ09B0098-0300
R/W
Bit
Bit Name Initial Value Slave Host Description
0
TWRE
0
R/W
Bidirectional Data Register Enable
Enables or disables bidirectional data register
operation.
0: TWR operation is disabled
TWR-related I/O address match determination is
halted
1: TWR operation is enabled
When LPC3E = 1, an I/O address received in an LPC I/O cycle is compared with the contents of
LADR3. When determining an IDR3, ODR3, or STR3 address match, bit 0 in LADR3 is regarded
as 0, and the value of bit 2 is ignored. When determining a TWR0 to TWR15 address match, bit 4
in LADR3 is inverted, and the values of bits 3 to 0 are ignored.
• Host select register
I/O Address
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Transfer
Cycle
Host Select Register
Bit 4
Bit 3
0
Bit 1
0
I/O write
IDR3 write, C/
D3 ← 0
Bit 4
Bit 3
1
Bit 1
0
I/O write
IDR3 write, C/
D3 ← 1
Bit 4
Bit 3
0
Bit 1
0
I/O read
ODR3 read
Bit 4
Bit 3
1
Bit 1
0
I/O read
STR3 read
Bit 4
0
0
0
0
I/O write
TWR0MW write
0
0
0
1
:
:
:
:
Bit 4
1
1
1
1
I/O write
TWR1 to TWR15 write
Bit 4
0
0
0
0
I/O read
TWR0SW read
0
0
0
1
I/O read
:
:
:
:
Bit 4
1
1
1
1
TWR1 to TWR15 read
Note:
*
When channel 3 is used, the content of LADR3 must be set so that the addresses for
channels 1, 2, and 4 are different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com