công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 622 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 622 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 618Page - Renesas Technology Corp H8S/2114R Datasheet HTML 619Page - Renesas Technology Corp H8S/2114R Datasheet HTML 620Page - Renesas Technology Corp H8S/2114R Datasheet HTML 621Page - Renesas Technology Corp H8S/2114R Datasheet HTML 622Page - Renesas Technology Corp H8S/2114R Datasheet HTML 623Page - Renesas Technology Corp H8S/2114R Datasheet HTML 624Page - Renesas Technology Corp H8S/2114R Datasheet HTML 625Page - Renesas Technology Corp H8S/2114R Datasheet HTML 626Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 574 of 986
REJ09B0098-0300
Note:
This restriction on usage can be canceled by setting the FNC1 and FNC0 bits to B'11 in
ICXR.
8. Notes on start condition issuance for retransmission
Figure 16.30 shows the timing of start condition issuance for retransmission, and the timing for
subsequently writing data to ICDR, together with the corresponding flowchart. Write the
transmit data to ICDR after the start condition for retransmission is issued and then the start
condition is actually generated.
SDA
IRIC
SCL
[3] (Retransmission) Start condition instruction issuance
[4] IRIC determination
[5] ICDR write (transmit data)
[2] Determination of SCL = Low
[1] IRIC determination
Start condition generation
(retransmission)
IRIC = 1?
Yes
Clear IRIC in ICCR
Read SCL pin
Write transmit data to ICDR
Set BBSY = 1,
SCP = 0 (ICCR)
[1]
[1] Wait for end of 1-byte transfer
[2] Determine whether SCL is low
[3] Issue start condition instruction for retransmission
[4] Determine whether start condition is generated or not
[5] Set transmit data (slave address + R/
W)
[2]
[3]
[4]
[5]
Yes
No
No
IRIC = 1?
Yes
SCL = Low?
No
Note:* Program so that processing from [3] to [5]
is executed continuously.
bit7
ACK
9
Figure 16.30 Flowchart for Start Condition Issuance Instruction for Retransmission and
Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com