công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 625 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 625 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 621Page - Renesas Technology Corp H8S/2114R Datasheet HTML 622Page - Renesas Technology Corp H8S/2114R Datasheet HTML 623Page - Renesas Technology Corp H8S/2114R Datasheet HTML 624Page - Renesas Technology Corp H8S/2114R Datasheet HTML 625Page - Renesas Technology Corp H8S/2114R Datasheet HTML 626Page - Renesas Technology Corp H8S/2114R Datasheet HTML 627Page - Renesas Technology Corp H8S/2114R Datasheet HTML 628Page - Renesas Technology Corp H8S/2114R Datasheet HTML 629Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 577 of 986
REJ09B0098-0300
11. Note on ICDR read and ICCR access in slave transmit mode
In I
2C bus interface slave transmit mode, do not read ICDR or do not read/write from/to ICCR
during the time shaded in figure 16.33. However, such read and write operations cause no
problem in interrupt handling processing that is generated in synchronization with the rising
edge of the 9th clock pulse because the shaded time has passed before making the transition to
interrupt handling.
To handle interrupts securely, be sure to keep either of the following conditions.
 Read ICDR data that has been received so far or read/write from/to ICCR before starting
the receive operation of the next slave address.
 Monitor the BC2 to BC0 bit counter in ICMR; when the count is B'000 (8th or 9th clock
pulse), wait for at least two transfer clock times in order to read ICDR or read/write from/to
ICCR during the time other than the shaded time.
Data transmission
Bit 7
Address reception
SCL
TRS bit
Waveform at problem occurrence
ICDR read and ICCR read/write are disabled
(6 system clock period)
8
R/W
A
9
The rise of the 9th clock is detected
SDA
ICDR write
Figure 16.33 ICDR Read and ICCR Access Timing in Slave Transmit Mode
Note:
This restriction on usage can be canceled by setting the FNC1 and FNC0 bits to B'11 in
ICXR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com