công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 626 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 626 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 622Page - Renesas Technology Corp H8S/2114R Datasheet HTML 623Page - Renesas Technology Corp H8S/2114R Datasheet HTML 624Page - Renesas Technology Corp H8S/2114R Datasheet HTML 625Page - Renesas Technology Corp H8S/2114R Datasheet HTML 626Page - Renesas Technology Corp H8S/2114R Datasheet HTML 627Page - Renesas Technology Corp H8S/2114R Datasheet HTML 628Page - Renesas Technology Corp H8S/2114R Datasheet HTML 629Page - Renesas Technology Corp H8S/2114R Datasheet HTML 630Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 578 of 986
REJ09B0098-0300
12. Note on TRS bit setting in slave mode
In I
2C bus interface slave mode, if the TRS bit value in ICCR is set after detecting the rising
edge of the 9th clock pulse or the stop condition before detecting the next rising edge on the
SCL pin (the time indicated as (a) in figure 16.34), the bit value becomes valid immediately
when it is set. However, if the TRS bit is set during the other time (the time indicated as (b) in
figure 16.34), the bit value is suspended and remains invalid until the rising edge of the 9th
clock pulse or the stop condition is detected. Therefore, when the address is received after the
restart condition is input without the stop condition, the effective TRS bit value remains 1
(transmit mode) internally and thus the acknowledge bit is not transmitted after the address has
been received at the 9th clock pulse.
To receive the address in slave mode, clear the TRS bit to 0 during the time indicated as (a) in
figure 16.34. To release the SCL low level that is held by means of the wait function in slave
mode, clear the TRS bit to and then dummy-read ICDR.
Restart condition
Data
transmission
Address reception
SCL
TRS
TRS bit setting is suspended in this period
ICDR dummy read
TRS bit setting
(a)
(b)
8
A
91
2
3
4
5
6
7
8
9
The rise of the 9th clock is detected
SDA
The rise of the 9th clock is detected
Figure 16.34 TRS Bit Set Timing in Slave Mode
Note:
This restriction on usage can be canceled by setting the FNC1 and FNC0 bits to B'11 in
ICXR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com