| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2114R bảng dữ liệu(PDF) 628 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R bảng dữ liệu(HTML) 628 Page - Renesas Technology Corp |
|
628 / 1038 page ![]() Section 16 I 2C Bus Interface (IIC) Rev. 3.00 Jul. 14, 2005 Page 580 of 986 REJ09B0098-0300 SA SLA R/ W SA SLA R/ W A DATA2 SA SLA R/ W A SLA R/ W A DATA3 A DATA4 DATA1 I2C bus interface (Master transmit mode) Transmit data match Transmit timing match • Receive address is ignored • Automatically transferred to slave receive mode • Receive data is recognized as an address • When the receive data matches to the address set in the SAR or SARX register, the I2C bus interface operates as a slave device. • Arbitration is lost • The AL flag in ICSR is set to 1 Transmit data does not match Other device (Master transmit mode) I2C bus interface (Slave receive mode) Data contention Figure 16.35 Diagram of Erroneous Operation when Arbitration is Lost Though it is prohibited in the normal I 2C protocol, the same problem may occur when the MST bit is erroneously set to 1 and a transition to master mode is occurred during data transmission or reception in slave mode. In multi-master mode, pay attention to the setting of the MST bit when a bus conflict may occur. In this case, the MST bit in the ICCR register should be set to 1 according to the order below. A. Make sure that the BBSY flag in the ICCR register is 0 and the bus is free before setting the MST bit. B. Set the MST bit to 1. C. To confirm that the bus was not entered to the busy state while the MST bit is being set, check that the BBSY flag in the ICCR register is 0 immediately after the MST bit has been set. Note: Above restriction can be cleared by setting bits FNC1 and FNC0 in the ICXR register. 16.6.1 Module Stop Mode Setting The IIC operation can be enabled or disabled using the module stop control register. The initial setting is for the IIC operation to be halted. Register access is enabled by canceling module stop mode. For details, see section 24, Power-Down Modes. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |