công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 619 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 619 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 615Page - Renesas Technology Corp H8S/2114R Datasheet HTML 616Page - Renesas Technology Corp H8S/2114R Datasheet HTML 617Page - Renesas Technology Corp H8S/2114R Datasheet HTML 618Page - Renesas Technology Corp H8S/2114R Datasheet HTML 619Page - Renesas Technology Corp H8S/2114R Datasheet HTML 620Page - Renesas Technology Corp H8S/2114R Datasheet HTML 621Page - Renesas Technology Corp H8S/2114R Datasheet HTML 622Page - Renesas Technology Corp H8S/2114R Datasheet HTML 623Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 619 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 571 of 986
REJ09B0098-0300
4. SCL and SDA inputs are sampled in synchronization with the internal clock. The AC timing
therefore depends on the system clock cycle t
cyc, as shown in section 26, Electrical
Characteristics. Note that the I
2C bus interface AC timing specifications will not be met with a
system clock frequency of less than 5 MHz.
5. The I
2C bus interface specification for the SCL rise time t
sr is 1000 ns or less (300 ns for
high-speed mode). In master mode, the I
2C bus interface monitors the SCL line and
synchronizes one bit at a time during communication. If t
sr (the time for SCL to go from low to
V
IH) exceeds the time determined by the input clock of the I
2C bus interface, the high period of
SCL is extended. The SCL rise time is determined by the pull-up resistance and load
capacitance of the SCL line. To insure proper operation at the set transfer rate, adjust the
pull-up resistance and load capacitance so that the SCL rise time does not exceed the values
given in table 16.10.
Table 16.10 Permissible SCL Rise Time (t
sr) Values
Time Indication [ns]
IICX t
cyc Indication
I
2C Bus
Specification
(Max.)
φ =
5 MHz
φ =
8 MHz
φ =
10 MHz
φ =
16 MHz
φ =
20 MHz
Standard mode
1000
1000
937
750
468
375
0
7.5 t
cyc
High-speed mode
300
300
300
300
300
300
Standard mode
1000
1000
1000
1000
1000
875
1
17.5 t
cyc
High-speed mode
300
300
300
300
300
300
6. The I
2C bus interface specifications for the SCL and SDA rise and fall times are under 1000 ns
and 300 ns. The I
2C bus interface SCL and SDA output timing is prescribed by t
cyc, as shown in
table 16.9. However, because of the rise and fall times, the I
2C bus interface specifications may
not be satisfied at the maximum transfer rate. Table 16.11 shows output timing calculations for
different operating frequencies, including the worst-case influence of rise and fall times.
t
BUFO fails to meet the I
2C bus interface specifications at any frequency. The solution is either (a)
to provide coding to secure the necessary interval (approximately 1 µs) between issuance of a
stop condition and issuance of a start condition, or (b) to select devices whose input timing
permits this output timing for use as slave devices connected to the I
2C bus.
t
SCLLO in high-speed mode and tSTASO in standard mode fail to satisfy the I
2C bus interface
specifications for worst-case calculations of t
Sr/tSf. Possible solutions that should be
investigated include (a) adjusting the rise and fall times by means of a pull-up resistor and
capacitive load, (b) reducing the transfer rate to meet the specifications, or (c) selecting devices
whose input timing permits this output timing for use as slave devices connected to the I
2C
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com