| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2114R bảng dữ liệu(PDF) 616 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R bảng dữ liệu(HTML) 616 Page - Renesas Technology Corp |
|
616 / 1038 page ![]() Section 16 I 2C Bus Interface (IIC) Rev. 3.00 Jul. 14, 2005 Page 568 of 986 REJ09B0098-0300 16.4.10 Initialization of Internal State The IIC has a function for forcible initialization of its internal state if a deadlock occurs during communication. Initialization is executed in accordance with the setting of bits CLR3 to CLR0 in DDCSWR or clearing ICE bit. For details on the setting of bits CLR3 to CLR0, see section 16.3.7, DDC Switch Register (DDCSWR). (1) Scope of Initialization The initialization executed by this function covers the following items: • ICDRE and ICDRF internal flags • Transmit/receive sequencer and internal operating clock counter • Internal latches for retaining the output state of the SCL and SDA pins (wait, clock, data output, etc.) The following items are not initialized: • Actual register values (ICDR, SAR, SARX, ICMR, ICCR, ICSR, ICXR (except for the ICDRE and ICDRF flags) • Internal latches used to retain register read information for setting/clearing flags in ICMR, ICCR, and ICSR • The value of the ICMR bit counter (BC2 to BC0) • Generated interrupt sources (interrupt sources transferred to the interrupt controller) (2) Notes on Initialization • Interrupt flags and interrupt sources are not cleared, and so flag clearing measures must be taken as necessary. • Basically, other register flags are not cleared either, and so flag clearing measures must be taken as necessary. • When initialization is executed by DDCSWR, the write data for bits CLR3 to CLR0 is not retained. To perform IIC clearance, bits CLR3 to CLR0 must be written to simultaneously using an MOV instruction. Do not use a bit manipulation instruction such as BCLR. • Similarly, when clearing is required again, all the bits must be written to simultaneously in accordance with the setting. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |