công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 614 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 614 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 610Page - Renesas Technology Corp H8S/2114R Datasheet HTML 611Page - Renesas Technology Corp H8S/2114R Datasheet HTML 612Page - Renesas Technology Corp H8S/2114R Datasheet HTML 613Page - Renesas Technology Corp H8S/2114R Datasheet HTML 614Page - Renesas Technology Corp H8S/2114R Datasheet HTML 615Page - Renesas Technology Corp H8S/2114R Datasheet HTML 616Page - Renesas Technology Corp H8S/2114R Datasheet HTML 617Page - Renesas Technology Corp H8S/2114R Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 566 of 986
REJ09B0098-0300
Table 16.7
Operation by Using DTC
Item
Master Transmit
Mode
Master Receive
Mode
Slave Transmit
Mode
Slave Receive
Mode
Slave address
+
R/
W bit
transmission/
reception
Transmission by
DTC (ICDR write)
Transmission by
CPU (ICDR write)
Reception by CPU
(ICDR read)
Reception by CPU
(ICDR read)
Dummy data read
Processing by
CPU (ICDR read)
I
2C data
transmission/
reception
Transmission by
DTC (ICDR write)
Transmission by
DTC (ICDR read)
Transmission by
DTC (ICDR write)
Reception by DTC
(ICDR read)
Dummy data
(H'FF) write
Processing by
DTC (ICDR write)
Last frame
processing
Not required
Reception by CPU
(ICDR read)
Not required
Reception by CPU
(ICDR read)
Transfer request
processing after
last frame
processing
completed
1st time: Clearing
by CPU
2nd time: Stop
condition issue by
CPU
Not required
Dummy data
(H'FF)
Stop condition
detection and
automatic clear
during
transmission
Not required
Set the number of
frames of DTC
transfer data
Transmission: The
number of actual
data
+ 1 (+ 1 =
slave address
+
R/
W bit)
Reception: The
number of actual
data
Transmission: The
number of actual
data
+ 1 (+ 1 =
dummy data
(H'FF))
Reception: The
number of actual
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com