công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 610 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 610 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 606Page - Renesas Technology Corp H8S/2114R Datasheet HTML 607Page - Renesas Technology Corp H8S/2114R Datasheet HTML 608Page - Renesas Technology Corp H8S/2114R Datasheet HTML 609Page - Renesas Technology Corp H8S/2114R Datasheet HTML 610Page - Renesas Technology Corp H8S/2114R Datasheet HTML 611Page - Renesas Technology Corp H8S/2114R Datasheet HTML 612Page - Renesas Technology Corp H8S/2114R Datasheet HTML 613Page - Renesas Technology Corp H8S/2114R Datasheet HTML 614Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 562 of 986
REJ09B0098-0300
16.4.7
IRIC Setting Timing and SCL Control
The interrupt request flag (IRIC) is set at different times depending on the WAIT bit in ICMR, the
FS bit in SAR, and the FSX bit in SARX. If the ICDRE or ICDRF flag is set to 1, SCL is
automatically held low after one frame has been transferred in synchronization with the internal
clock. Figures 16.25 to 16.27 show the IRIC set timing and SCL control.
SCL
SDA
IRIC
User processing
Clear IRIC
23
1
A
8
7
3
2
1
9
8
7
When WAIT = 0, and FS = 0 or FSX = 0 (I2C bus format, no wait)
(a) Data transfer ends with ICDRE=0 at transmission, or ICDRF=0 at reception.
(b) Data transfer ends with ICDRE=1 at transmission, or ICDRF=1 at reception.
SCL
SDA
IRIC
User processing
Clear IRIC
Clear IRIC
Write to ICDR (transmit)
or read from ICDR (receive)
1
A
8
7
1
9
8
7
Figure 16.25 IRIC Setting Timing and SCL Control (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com