công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 613 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 613 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 609Page - Renesas Technology Corp H8S/2114R Datasheet HTML 610Page - Renesas Technology Corp H8S/2114R Datasheet HTML 611Page - Renesas Technology Corp H8S/2114R Datasheet HTML 612Page - Renesas Technology Corp H8S/2114R Datasheet HTML 613Page - Renesas Technology Corp H8S/2114R Datasheet HTML 614Page - Renesas Technology Corp H8S/2114R Datasheet HTML 615Page - Renesas Technology Corp H8S/2114R Datasheet HTML 616Page - Renesas Technology Corp H8S/2114R Datasheet HTML 617Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 565 of 986
REJ09B0098-0300
16.4.8
Operation by Using DTC
This LSI provides the DTC to allow consecutive transfer. The DTC is activated when the IRTR
flag which is one of two interrupt flags (IRIC and IRTR) is set to 1. When the ACKE bit is cleared
to 0, regardless of the acknowledge bit, the ICDRE, IRIC, and IRTR flags are set at the
completion of the data transfer. When the ACKE bit is set to 1, if data transmission has been
completed with the acknowledge bit of 0, the ICDRE, IRIC, and IRTR flags are set. When the
ACKE bit is set to 1, if data transmission has been completed with the acknowledge bit of 1, only
the IRIC flag is set.
When the DTC is activated, the ICDRE, IRIC, and IRTR flags are cleared to 0 after required
transfers has been performed. Therefore, any interrupt is occurred while data is transferred
continuously. However, when the ACKE bit is set to 1, if the data transmission has been
completed with the acknowledge bit of 1, the DTC is not be activated and an interrupt is occurred
if enabled.
According to the reception device, the acknowledge bit indicates the completion of receive data
processing or is fixed to 1 without any indication.
In the I
2C bus format, the selection of a slave device and transfer direction by the slave address
and R/
W bit, and confirming reception and indicating the last frame by the acknowledge bit are
performed. Therefore, the consecutive data transfer by the DTC should be executed with the
processing of CPU by interrupts.
Table 16.7 shows the sample processing by using the DTC. It is supposed that the number of
transfer data has been known in the slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com