công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 620 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 620 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 616Page - Renesas Technology Corp H8S/2114R Datasheet HTML 617Page - Renesas Technology Corp H8S/2114R Datasheet HTML 618Page - Renesas Technology Corp H8S/2114R Datasheet HTML 619Page - Renesas Technology Corp H8S/2114R Datasheet HTML 620Page - Renesas Technology Corp H8S/2114R Datasheet HTML 621Page - Renesas Technology Corp H8S/2114R Datasheet HTML 622Page - Renesas Technology Corp H8S/2114R Datasheet HTML 623Page - Renesas Technology Corp H8S/2114R Datasheet HTML 624Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 620 / 1038 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 3.00 Jul. 14, 2005 Page 572 of 986
REJ09B0098-0300
Table 16.11 I
2C Bus Timing (with Maximum Influence of t
Sr/tSf)
Time Indication (at Maximum Transfer Rate) [ns]
Item
t
cyc Indication
t
Sr/tSf
Influence
(Max.)
I
2C Bus
Specifi-
cation
(Min.)
φ =
5 MHz
φ =
8 MHz
φ =
10 MHz
φ =
16 MHz
φ =
20 MHz
Standard mode
–1000
4000
4000
4000
4000
4000
4000
t
SCLHO
0.5 t
SCLO (–tSr)
High-speed mode –300
600
950
950
950
950
950
Standard mode
–250
4700
4750
4750
4750
4750
4750
t
SCLLO
0.5 t
SCLO (–tSf)
High-speed mode –250
1300
1000*
1
1000*
1
1000*
1
1000*
1
1000*
1
Standard mode
–1000
4700
3800*
1
3875*
1
3900*
1
3939*
1
3950*
1
t
BUFO
0.5 t
SCLO –1 tcyc
(–t
Sr)
High-speed mode –300
1300
750*
1
825*
1
850*
1
888*
1
900*
1
Standard mode
–250
4000
4550
4625
4650
4688
4700
t
STAHO
0.5 t
SCLO –1 tcyc
(–t
Sf)
High-speed mode –250
600
800
875
900
938
900
Standard mode
–1000
4700
9000
9000
9000
9000
9000
t
STASO
1 t
SCLO (–tSr)
High-speed mode –300
600
2200
2200
2200
2200
2200
Standard mode
–1000
4000
4400
4250
4200
4125
4100
t
STOSO
0.5 t
SCLO + 2 tcyc
(–t
Sr)
High-speed mode –300
600
1350
1200
1150
1075
1050
Standard mode
–1000
250
3100
3325
3400
3513
3550
t
SDASO
(master)
1 t
SCLLO*
3 –3 t
cyc
(–t
Sr)
High-speed mode –300
100
400
625
700
813
850
Standard mode
–1000
250
1300
2200
2500
2950
3100
t
SDASO
(slave)
1 t
SCLL*
3
–12 t
cyc*
2
(–t
Sr)
High-speed mode –300
100
–1400*
1
–500*
1
–200*
1
250
400
Standard mode
0
0
600
375
300
188
150
t
SDAHO
3 t
cyc
High-speed mode 0
0
600
375
300
188
150
Notes: 1. Does not meet the I
2C bus interface specification. Remedial action such as the following
is necessary: (a) secure a start/stop condition issuance interval; (b) adjust the rise and
fall times by means of a pull-up resistor and capacitive load; (c) reduce the transfer rate;
(d) select slave devices whose input timing permits this output timing.
The values in the above table will vary depending on the settings of the IICX bit and bits
CKS0 to CKS2. Depending on the frequency it may not be possible to achieve the
maximum transfer rate; therefore, whether or not the I
2C bus interface specifications are
met must be determined in accordance with the actual setting conditions.
2. Value when the IICX bit is set to 1. When the IICX bit is cleared to 0, the value is (t
SCLL –
6 t
cyc).
3. Calculated using the I
2C bus specification values (standard mode: 4700 ns min.;
high-speed mode: 1300 ns min.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com