công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 221 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 221 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 217Page - Renesas Technology Corp H8S/20223 Datasheet HTML 218Page - Renesas Technology Corp H8S/20223 Datasheet HTML 219Page - Renesas Technology Corp H8S/20223 Datasheet HTML 220Page - Renesas Technology Corp H8S/20223 Datasheet HTML 221Page - Renesas Technology Corp H8S/20223 Datasheet HTML 222Page - Renesas Technology Corp H8S/20223 Datasheet HTML 223Page - Renesas Technology Corp H8S/20223 Datasheet HTML 224Page - Renesas Technology Corp H8S/20223 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 195 of 962
REJ09B0465-0100
Host
Boot program
Selects the new-bit-rate selection command.
H'06 (ACK)
Waits for one-bit period
at the selected bit rate.
H'06 (ACK) at the new bit rate
H'06 (ACK) at the new bit rate
Sets the new bit rate.
Sets the new bit rate.
Figure 7.9 Sequence of New Bit-Rate Selection
(5) Transition to Programming/Erasure State
In response to the command for transition-to-programming/erasure state, the boot program
transfers the erasure program to erase the data in the user ROM area. On completion of this
erasure, the boot program returns the ACK code and enters the programming/erasure state.
Before transmitting the programming selection command and data for programming, the host
should select the device, clock mode, and new bit rate for this LSI using the device selection,
clock-mode selection, and new-bit-rate selection commands; and then transmit a transition-to-
programming/erasure-state command to the boot program.
Command
H'40
• Command H'40 (1 byte): Transition to programming/erasure state
Response
H'06
• Response H'06 (1 byte): Response to the transition-to-programming/erasure-state command.
The ACK code is returned when the user ROM area have been successfully erased after
transfer of the erasure program.
Error response
H'C0
H'51
• Error response H'C0 (1 byte): Error response to the transition-to-programming/erasure-state
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com