| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/20223 bảng dữ liệu(PDF) 201 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20223 bảng dữ liệu(HTML) 201 Page - Renesas Technology Corp |
|
201 / 992 page ![]() Section 7 ROM Rev. 1.00 Oct. 03, 2008 Page 175 of 962 REJ09B0465-0100 This LSI Flash memory On-chip ROM RxD TxD SCI On-chip control-command analysis execution software Control commands and programming data Returned response Host Programming tool and programming data Figure 7.2 System Configuration in Boot Mode (1) Serial Interface Settings by Host SCI3_1 is set to asynchronous mode, in which the serial transmission/reception format is set to 8- bit data, one stop-bit, and no parity. When this LSI enters boot mode, the built-in boot program is initiated. When the boot program is initiated, this LSI measures the low-level period of asynchronous serial communication data (H'00) transmitted continuously from the host. This LSI then calculates the bit rate of transmission from the host, and adjusts the SCI bit rate so that it should match that of the host. After completing the bit rate adjustment, this LSI transmits one H'00 byte to the host to signal completion of bit rate adjustment. When successfully having received this completion signal, the host should transmit one H'55 byte to this LSI. When not, boot mode should be initiated again. Depending on the combination of the host's transfer bit rate and system clock frequency of this LSI, there might be a discrepancy between the bit rates of the host and this LSI. To prevent this, the transfer bit rate of the host and system clock frequency of this LSI should be set in the range of the value listed in table 7.4. Start bit Stop bit D0 D1 D2 D3 D4 D5 D6 D7 Measures low-level period (9 bits) (data: H'00) High-level period of 1 or more bits Figure 7.3 Automatic Adjustment of Bit Rates |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |