công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 906 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 906 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 902Page - Renesas Technology Corp H8S/20223 Datasheet HTML 903Page - Renesas Technology Corp H8S/20223 Datasheet HTML 904Page - Renesas Technology Corp H8S/20223 Datasheet HTML 905Page - Renesas Technology Corp H8S/20223 Datasheet HTML 906Page - Renesas Technology Corp H8S/20223 Datasheet HTML 907Page - Renesas Technology Corp H8S/20223 Datasheet HTML 908Page - Renesas Technology Corp H8S/20223 Datasheet HTML 909Page - Renesas Technology Corp H8S/20223 Datasheet HTML 910Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 906 / 992 page
background image
Section 26 Low-Voltage Detection Circuits
Rev. 1.00 Oct. 03, 2008 Page 880 of 962
REJ09B0465-0100
Start
Set VD1E in LD1CRL to 1.
Wait for tLVD1ON.
Set VD1IRCS in LD1CRH.
Set VD1DFCK[1:0] in LD1CRH.
Set VD1DFS in LD1CRH.
Clear VD1MS in LD1CRH to 0.
Set VD1RE in LD1CRH to 1.
End
[1]
[2]
[3]
[4]
[5]
Set VD1E in LD1CRL to 1 to activate the LVD1 circuit
and wait for the stabilization.
Set interrupt request generation conditions
when the digital filter is not used.
Set the digital filter.
Set the LVD1 circuit to generate interrupt requests.
Enable the LVD1 circuit interrupt requests.
[1]
[2]
[3]
[4]
[5]
Figure 26.13 Procedure to Set LVDI1
(5) Low Voltage Detect Reset 0 (LVDR0)
LVDR0 is a reset generated by the LVD0 circuit. Figure 26.14 shows the operation timing of the
LVDR0.
After a power-on reset is released, the LVD0 circuit is always enabled.
When the power-supply voltage falls below Vdet0, the LVDR0 clears the
LVDRES0 signal to 0,
and resets the prescaler, and a power-on reset operation is enabled. When the power-supply
voltage rises above the Vdet0 voltage again, the prescaler starts counting. It counts 128
φloco
cycles, and then releases the internal reset signal.
Note that if the power supply voltage falls below V
LVDR0min = TBD V and then rises from that point,
the LVDR0 may not occur. Such a case should be evaluated thoroughly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com