công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 880 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 880 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 876Page - Renesas Technology Corp H8S/20223 Datasheet HTML 877Page - Renesas Technology Corp H8S/20223 Datasheet HTML 878Page - Renesas Technology Corp H8S/20223 Datasheet HTML 879Page - Renesas Technology Corp H8S/20223 Datasheet HTML 880Page - Renesas Technology Corp H8S/20223 Datasheet HTML 881Page - Renesas Technology Corp H8S/20223 Datasheet HTML 882Page - Renesas Technology Corp H8S/20223 Datasheet HTML 883Page - Renesas Technology Corp H8S/20223 Datasheet HTML 884Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 880 / 992 page
background image
Section 25 D/A Converter
Rev. 1.00 Oct. 03, 2008 Page 854 of 962
REJ09B0465-0100
25.3
Operation
The D/A converter includes D/A conversion circuits for two channels, each of which can operate
independently. When DAOE bit in DACR is set to 1, D/A conversion is enabled and the
conversion result is output. The operation example of D/A conversion on channel 0 is as follows.
Figure 25.2 shows the timing of this operation.
1. Write the conversion data to DADR0.
2. Set the DAOE0 bit in DACR to 1 to start D/A conversion. The conversion result is output from
the analog output pin DA0 after the conversion time t
DCONV has elapsed. The conversion result is
continued to be output until DADR0 is written to again or the DAOE0 bit is cleared to 0. The
output value is expressed by the following formula:
DADR contents
256
× AVcc
3. If DADR0 is written to again, the conversion is immediately started. The conversion result is
output after the conversion time t
DCONV has elapsed.
4. If the DAOE0 bit is cleared to 0, analog output is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com