công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 854 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 854 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 850Page - Renesas Technology Corp H8S/20223 Datasheet HTML 851Page - Renesas Technology Corp H8S/20223 Datasheet HTML 852Page - Renesas Technology Corp H8S/20223 Datasheet HTML 853Page - Renesas Technology Corp H8S/20223 Datasheet HTML 854Page - Renesas Technology Corp H8S/20223 Datasheet HTML 855Page - Renesas Technology Corp H8S/20223 Datasheet HTML 856Page - Renesas Technology Corp H8S/20223 Datasheet HTML 857Page - Renesas Technology Corp H8S/20223 Datasheet HTML 858Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 828 of 962
REJ09B0465-0100
24.2.5
Compare Data Register (CMPR)
Address:
Bit:
Value after reset:
b7
CMP7
0
b6
CMP6
0
b5
CMP5
0
b4
CMP4
0
b3
CMP3
0
b2
CMP2
0
b1
CMP1
0
b0
CMP0
0
H'FF05E0, H'FF0600
Bit
Symbol
Bit Name
Description
R/W
7
CMP7
Compare data
7
R
6
CMP6
Compare data
6
R
5
CMP5
Compare data
5
R
4
CMP4
Compare data
4
R
3
CMP3
Compare data
3
R
2
CMP2
Compare data
2
R
1
CMP1
Compare data
1
R
0
CMP0
Compare data
0
[Setting condition]
When the voltage of the selected analog input
channel is greater than the voltage set in the
CMPVAL register in compare mode.
[Clearing conditions]
• When the A/D converter operating mode is
changed from A/D conversion mode to compare
mode according to the ADM bit in ADMR
setting.
• When the voltage of the selected analog input
channel is equal to or lower than the voltage set
in the CMPVAL register in compare mode.
R
[Legend]
×:
Don't care.
Note:
*
Only 0 can be written to clear the flag.
CMPR holds the comparison result. CMPR is a read-only register that is assigned to the same
address as ADDR0 and ADDR0_2. CMPR is valid in compare mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com