công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 849 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 849 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 845Page - Renesas Technology Corp H8S/20223 Datasheet HTML 846Page - Renesas Technology Corp H8S/20223 Datasheet HTML 847Page - Renesas Technology Corp H8S/20223 Datasheet HTML 848Page - Renesas Technology Corp H8S/20223 Datasheet HTML 849Page - Renesas Technology Corp H8S/20223 Datasheet HTML 850Page - Renesas Technology Corp H8S/20223 Datasheet HTML 851Page - Renesas Technology Corp H8S/20223 Datasheet HTML 852Page - Renesas Technology Corp H8S/20223 Datasheet HTML 853Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 849 / 992 page
background image
Section 24 A/D Converter
Rev. 1.00 Oct. 03, 2008 Page 823 of 962
REJ09B0465-0100
24.2.2
A/D Control/Status Register (ADCSR)
Address:
Bit:
Value after reset:
b7
ADF
0
b6
ADIE
0
b5
ADST
0
b4
0
b3
0
b2
0
b1
0
b0
0
H'FF05F0, H'FF0610
CH[3:0]
Bit
Symbol
Bit Name
Description
R/W
7
ADF
A/D end flag
0: A/D conversion or comparison is in progress.
1: A/D conversion or comparison has been
completed.
[Setting conditions]
• When A/D conversion ends in single mode
• When A/D conversion ends on all specified
channels in scan mode
[Clearing conditions]
• When 0 is written after reading ADF = 1
• When the DTC is activated by an ADI interrupt
and ADDR is read
R/W*
6
ADIE
A/D interrupt
enable
0: Disables an ADF interrupt.
1: Enables an ADF interrupt.
R/W
5
ADST
A/D start
0: Stops A/D conversion and places the A/D
converter in the wait state.
1: Starts A/D conversion.
R/W
4
Reserved bit
This bit is read as 0. The write value should be 0.
3 to 0 CH[3:0]
Channel select
3 to 0
When SCANE = 0 and SCANS =
×
0000: AN0
0111: AN7
0001: AN1
1000: AN8
0010: AN2
1001: AN9
0011: AN3
1010: AN10
0100: AN4
1011: AN11
0101: AN5
11xx: Setting prohibited
0110: AN6
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com