công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 815 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 815 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 811Page - Renesas Technology Corp H8S/20223 Datasheet HTML 812Page - Renesas Technology Corp H8S/20223 Datasheet HTML 813Page - Renesas Technology Corp H8S/20223 Datasheet HTML 814Page - Renesas Technology Corp H8S/20223 Datasheet HTML 815Page - Renesas Technology Corp H8S/20223 Datasheet HTML 816Page - Renesas Technology Corp H8S/20223 Datasheet HTML 817Page - Renesas Technology Corp H8S/20223 Datasheet HTML 818Page - Renesas Technology Corp H8S/20223 Datasheet HTML 819Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 992 page
background image
Section 22 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Oct. 03, 2008 Page 789 of 962
REJ09B0465-0100
(4) Serial Data Transmission and Reception
Data transmission and reception is a combined operation of data transmission and reception which
are described before. Transmission and reception is started by writing data in SSTDR. When the
eighth clock rises while the TDRE bit is set to 1 or the ORER bit is set to 1, transmission and
reception is stopped.
To switch from transmit mode (TE = 1) or receive mode (RE = 1) to transmit and receive mode
(TE = RE = 1), the TE and RE bits should be cleared to 0. After confirming that the TEND,
RDRF, and ORER bits are cleared to 0, set the TE and RE bits to 1.
When the module is released from transmit and receive mode (TE = 1 and RE = 1), setting TE = 0
(and RE = 1) after the SSRDR has been read can cause output of the clock signal. For this reason,
start by setting RE = 0 and only set TE = 0 after that (or set both RE = 0 and TE = 0 at the same
time). When TE = 0 and RE = 1 is subsequently set, only set RE = 1 after changing SRES from 1
to 0.
Figure 22.9 shows a sample flowchart for serial transmit and receive operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com