công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 703 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 703 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 699Page - Renesas Technology Corp H8S/20223 Datasheet HTML 700Page - Renesas Technology Corp H8S/20223 Datasheet HTML 701Page - Renesas Technology Corp H8S/20223 Datasheet HTML 702Page - Renesas Technology Corp H8S/20223 Datasheet HTML 703Page - Renesas Technology Corp H8S/20223 Datasheet HTML 704Page - Renesas Technology Corp H8S/20223 Datasheet HTML 705Page - Renesas Technology Corp H8S/20223 Datasheet HTML 706Page - Renesas Technology Corp H8S/20223 Datasheet HTML 707Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 677 of 962
REJ09B0465-0100
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
This LSI includes a serial communication interface 3 (SCI3), which has three independent
channels. The SCI3 can handle both asynchronous and clocked synchronous serial
communication. In asynchronous mode, serial data communication can be carried out using
standard asynchronous communication chips such as a Universal Asynchronous
Receiver/Transmitter (UART) or an Asynchronous Communication Interface Adapter (ACIA). A
function is also provided for serial communication between processors (multiprocessor
communication function).
Table 20.1 shows the SCI3 channel configuration and figure 20.1 shows a block diagram of the
SCI3. Since pin functions are identical for each of the three channels (SCI3, SCI3_2, and SCI3_3),
separate explanations are not given in this section.
20.1
Features
• Choice of asynchronous or clocked synchronous serial communication mode
• Full-duplex communication capability
The transmitter and receiver are mutually independent, enabling transmission and reception to
be executed simultaneously.
Double-buffering is used in both the transmitter and the receiver, enabling continuous
transmission and continuous reception.
• On-chip baud rate generator allows any bit rate to be selected
• External clock or on-chip baud rate generator can be selected as a transfer clock source.
• Six interrupt sources
Transmit-end, transmit-data-empty, receive-data-full, overrun error, framing error, and parity
error. The DTC can be activated by the transmit-data-empty interrupt and receive-data-full
interrupt sources.
Asynchronous mode
• Data length: 7 or 8 bits
• Stop bit length: 1 or 2 bits
• Parity: Even, odd, or none
• Receive error detection: Parity, overrun, and framing errors
• Break detection: Break can be detected by reading the RXD pin level directly in the case of a
framing error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com