công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 658 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 658 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 654Page - Renesas Technology Corp H8S/20223 Datasheet HTML 655Page - Renesas Technology Corp H8S/20223 Datasheet HTML 656Page - Renesas Technology Corp H8S/20223 Datasheet HTML 657Page - Renesas Technology Corp H8S/20223 Datasheet HTML 658Page - Renesas Technology Corp H8S/20223 Datasheet HTML 659Page - Renesas Technology Corp H8S/20223 Datasheet HTML 660Page - Renesas Technology Corp H8S/20223 Datasheet HTML 661Page - Renesas Technology Corp H8S/20223 Datasheet HTML 662Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 658 / 992 page
background image
Section 18 Timer RG
Rev. 1.00 Oct. 03, 2008 Page 632 of 962
REJ09B0465-0100
• MDF bit (Phase counting mode select)
When this bit is 0, the counter counts the clock pulses specified with the TPSC2 to TPSC0 bits
in TRGCR. When this bit is 1, the counter counts the phases produced by TCLKA and
TCLKB as specified in TRGCNTCR.
18.2.2
Timer RG Counter Control Register (TRGCNTCR)
Address:
Bit:
Value after reset:
b7
CNTEN7
0
b6
CNTEN6
0
b5
CNTEN5
0
b4
CNTEN4
0
b3
CNTEN3
0
b2
CNTEN2
0
b1
CNTEN1
0
b0
CNTEN0
0
H'FF0647
Bit Symbol
Bit Name
Description
R/W
7
CNTEN7 Count enable
bit 7
0: Not affected by the TCLKB rising edge when TCLKA is low.
1: Incremented at the TCLKB rising edge when TCLKA is low.
R/W
6
CNTEN6 Count enable
bit 6
0: Not affected by the TCLKA rising edge when TCLKB is high.
1: Incremented at the TCLKA rising edge when TCLKB is high.
R/W
5
CNTEN5 Count enable
bit 5
0: Not affected by the TCLKB falling edge when TCLKA is high.
1: Incremented at the TCLKB falling edge when TCLKA is high.
R/W
4
CNTEN4 Count enable
bit 4
0: Not affected by the TCLKA falling edge when TCLKB is low.
1: Incremented at the TCLKA falling edge when TCLKB is low.
R/W
3
CNTEN3 Count enable
bit 3
0: Not affected by the TCLKA falling edge when TCLKB is high.
1: Incremented at the TCLKA falling edge when TCLKB is high.
R/W
2
CNTEN2 Count enable
bit 2
0: Not affected by the TCLKB falling edge when TCLKA is low.
1: Incremented at the TCLKB falling edge when TCLKA is low.
R/W
1
CNTEN1 Count enable
bit 1
0: Not affected by the TCLKA rising edge when TCLKB is low.
1: Incremented at the TCLKA rising edge when TCLKB is low.
R/W
0
CNTEN0 Count enable
bit 0
0: Not affected by the TCLKB rising edge when TCLKA is high.
1: Incremented at the TCLKB rising edge when TCLKA is high.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com