công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 642 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 642 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 638Page - Renesas Technology Corp H8S/20223 Datasheet HTML 639Page - Renesas Technology Corp H8S/20223 Datasheet HTML 640Page - Renesas Technology Corp H8S/20223 Datasheet HTML 641Page - Renesas Technology Corp H8S/20223 Datasheet HTML 642Page - Renesas Technology Corp H8S/20223 Datasheet HTML 643Page - Renesas Technology Corp H8S/20223 Datasheet HTML 644Page - Renesas Technology Corp H8S/20223 Datasheet HTML 645Page - Renesas Technology Corp H8S/20223 Datasheet HTML 646Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 616 of 962
REJ09B0465-0100
17.2.8
Timer RE Clock Source Select Register (TRECSR)
Address:
Bit:
Value after reset:
b7
0
b6
0
b5
RCS[6:4]
0
b4
0
b3
RCS3
1
b2
RCS2
0
b1
0
b0
0
H'FFFFAF
RCS[1:0]
Bit
Symbol
Bit Name
Description
R/W
7
Reserved
This bit is read as 0. The write value should be 0.
6 to 4
RCS[6:4]*
2
Clock output
select
000:
φ/2
001:
φ/4
010:
φ/8
011: Compare-match output (Only valid in output-
compare mode)
100:
φ/sub (32.768 kHz)
101: 1 Hz (Only valid in realtime clock mode)
11x: Setting prohibited
R/W
3
RCS3
Mode select
0: Output-compare mode
1: Realtime clock mode
R/W
2
RCS2
4-bit counter
select
(Only valid in output-compare mode)
0: Does not use the 4-bit counter.
1: Uses the 4-bit counter.
R/W
1, 0
RCS[1:0]
*
1*3
Clock source
select
00:
φ/2
01:
φ/4
10:
φ/8
11:
φ/sub
R/W
[Legend]
X:
Don't care
Notes: 1. RCS[1:0] should be set when realtime clock mode is used or when counter operation is
stopped.
2. RCS[6:4] should be set when the TOENA bit in TRECR1 is 0.
3. In output compare mode, when the CPU is in a
φsub clock mode, do not select the φsub
clock as the clock source for the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com