công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 633 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 633 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 629Page - Renesas Technology Corp H8S/20223 Datasheet HTML 630Page - Renesas Technology Corp H8S/20223 Datasheet HTML 631Page - Renesas Technology Corp H8S/20223 Datasheet HTML 632Page - Renesas Technology Corp H8S/20223 Datasheet HTML 633Page - Renesas Technology Corp H8S/20223 Datasheet HTML 634Page - Renesas Technology Corp H8S/20223 Datasheet HTML 635Page - Renesas Technology Corp H8S/20223 Datasheet HTML 636Page - Renesas Technology Corp H8S/20223 Datasheet HTML 637Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 607 of 962
REJ09B0465-0100
17.2.2
Timer RE Minute Data Register/Compare Data Register (TREMIN)
Address:
Bit:
Value after reset:
b7
BSY
b6
MN12
b5
MN11
b4
MN10
b3
MN03
b2
MN02
b1
MN01
b0
MN00
H'FFFFA9
• Realtime clock mode
Bit Symbol Bit Name
Description
R/W
7
BSY
Timer RE busy This bit is set to 1 when the timer RE is updating (calculating)
the values of second, minute, hour, and day-of-week data
registers. When this bit is 0, the values of second, minute,
hour, and day-of-week data registers must be adopted.
R
6
MN12
R/W
5
MN11
R/W
4
MN10
Counting ten's
position of
minutes
Counts on 0 to 5 for 60-minute counting.
R/W
3
MN03
R/W
2
MN02
R/W
1
MN01
R/W
0
MN00
Counting one's
position of
minutes
Counts on 0 to 9 once per minute. When a carry is
generated, 1 is added to the ten's position.
R/W
• Output-compare mode
Bit Symbol
Bit Name
Description
R/W
7
BSY
R
6
MN12
R/W
5
MN11
R/W
4
MN10
R/W
3
MN03
R/W
2
MN02
R/W
1
MN01
R/W
0
MN00
Used as an 8-bit register for storing the compare data.
The setting range is H'01 to H'FF.
This register can be written to only when counting is
stopped (when TSTART and TCSTF in TRECR1 are 0).
R/W
TREMIN counts the BCD-coded minute value on the carry generated once per minute by the
TRESEC counting in realtime clock mode. TREMIN is incremented from decimal 00 to 59.
TREMIN is used as an 8-bit register for storing the compare data in output-compare mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com