công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 616 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 616 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 612Page - Renesas Technology Corp H8S/20223 Datasheet HTML 613Page - Renesas Technology Corp H8S/20223 Datasheet HTML 614Page - Renesas Technology Corp H8S/20223 Datasheet HTML 615Page - Renesas Technology Corp H8S/20223 Datasheet HTML 616Page - Renesas Technology Corp H8S/20223 Datasheet HTML 617Page - Renesas Technology Corp H8S/20223 Datasheet HTML 618Page - Renesas Technology Corp H8S/20223 Datasheet HTML 619Page - Renesas Technology Corp H8S/20223 Datasheet HTML 620Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 590 of 962
REJ09B0465-0100
16.4
Interrupt Sources
There are three kinds of timer RD interrupt sources; input capture/compare match, overflow, and
underflow. An interrupt is requested when the corresponding interrupt request flag is set to 1 while
the corresponding interrupt enable bit is set to 1.
16.4.1
Status Flag Set Timing
(1) IMF Flag Set Timing
The IMF flag is set to 1 by the compare match signal that is generated when the GR matches with
the TRDCNT. The compare match signal is generated at the last state of matching (timing to
update the counter value when the GR and TRDCNT match). Therefore, when the TRDCNT and
GR matches, the compare match signal will not be generated until the TRDCNT input clock is
generated. Figure 16.62 shows the timing to set the IMF flag.
φ
TRDCNT
input clock
Compare match
signal
IMF
TRDCNT
N
N+1
GR
N
Figure 16.62 IMF Flag Set Timing when Compare Match Occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com