công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 601 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 601 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 597Page - Renesas Technology Corp H8S/20223 Datasheet HTML 598Page - Renesas Technology Corp H8S/20223 Datasheet HTML 599Page - Renesas Technology Corp H8S/20223 Datasheet HTML 600Page - Renesas Technology Corp H8S/20223 Datasheet HTML 601Page - Renesas Technology Corp H8S/20223 Datasheet HTML 602Page - Renesas Technology Corp H8S/20223 Datasheet HTML 603Page - Renesas Technology Corp H8S/20223 Datasheet HTML 604Page - Renesas Technology Corp H8S/20223 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 575 of 962
REJ09B0465-0100
(6) Example of Buffer Operation Setting Procedure
Figure 16.43 shows an example of the buffer operation setting procedure.
[1]
Designate GR as an input capture register or
output compare register by means of TRDIOR.
[2]
Designate GR for buffer operation with bits
BFD1, BFC1, BFD0, or BFC0 in TRDMDR.
[3]
Set the STR bit in TRDSTR to 1 to start the
count operation of TRDCNT.
[1]
[2]
[3]
Select GR function
Set buffer operation
Start count operation
Buffer operation
<Buffer operation>
Figure 16.43 Example of Buffer Operation Setting Procedure
(7) Examples of Buffer Operation
Figure 16.44 shows an operation example in which GRA has been designated as an output
compare register, and buffer operation has been designated for GRA and GRC.
This is an example of TRDCNT operating as a periodic counter cleared by compare match B.
Pins FTIOA and FTIOB are set for toggle output by compare match A and B.
As buffer operation has been set, when compare match A occurs, the FTIOA pin performs toggle
outputs and the value in buffer register is simultaneously transferred to the general register. This
operation is repeated each time that compare match A occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com