công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 550 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 550 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 546Page - Renesas Technology Corp H8S/20223 Datasheet HTML 547Page - Renesas Technology Corp H8S/20223 Datasheet HTML 548Page - Renesas Technology Corp H8S/20223 Datasheet HTML 549Page - Renesas Technology Corp H8S/20223 Datasheet HTML 550Page - Renesas Technology Corp H8S/20223 Datasheet HTML 551Page - Renesas Technology Corp H8S/20223 Datasheet HTML 552Page - Renesas Technology Corp H8S/20223 Datasheet HTML 553Page - Renesas Technology Corp H8S/20223 Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 992 page
background image
Section 16 Timer RD
Rev. 1.00 Oct. 03, 2008 Page 524 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
2
IOC2
I/O control C2 Selects the GRC function.
0: GRC functions as an output compare register
1: GRC functions as an input capture register
R/W
1, 0
IOC[1:0]
I/O control C1
and C0
When IOC3 = 0,
00: No output at compare match
01: 0 output to the FTIOA pin at GRC compare
match
10: 1 output to the FTIOA pin at GRC compare
match
11: Output toggles to the FTIOA pin at GRC compare
match
When IOC3 = 1 and IOC2 = 0,
00: No output at compare match
01: 0 output to the FTIOC pin at GRC compare
match
10: 1 output to the FTIOC pin at GRC compare
match
11: Output toggles to the FTIOC pin at GRC
compare match
When IOC3 = 1 and IOC2 = 1,
00: Input capture to GRC at rising edge at the FTIOC
pin
01: Input capture to GRC at falling edge at the
FTIOC pin
1X: Input capture to GRC at rising and falling edges
at the FTIOC pin
R/W
[Legend]
X:
Don't care.
Notes: 1. When a GR register functions as a buffer register for a paired GR register, the settings
in the IOA2 and IOB2 bits in TRDIORA and the IOC2 and IOD2 bits in TRDIORC of
both registers should be the same.
2. In PWM mode, PWM3 mode, complementary PWM mode, and reset synchronous
PWM mode, the settings of TRDIORC are invalid.
TRDIORC selects whether GRC or GRD is used as an output compare register or an input capture
register. When an output compare register is selected, the output setting is selected. When an input
capture register is selected, an input edge of an input capture signal is selected. TRDIORC also
selects the function of the FTIOA to FTIOD pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com