công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 426 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 426 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 422Page - Renesas Technology Corp H8S/20223 Datasheet HTML 423Page - Renesas Technology Corp H8S/20223 Datasheet HTML 424Page - Renesas Technology Corp H8S/20223 Datasheet HTML 425Page - Renesas Technology Corp H8S/20223 Datasheet HTML 426Page - Renesas Technology Corp H8S/20223 Datasheet HTML 427Page - Renesas Technology Corp H8S/20223 Datasheet HTML 428Page - Renesas Technology Corp H8S/20223 Datasheet HTML 429Page - Renesas Technology Corp H8S/20223 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 992 page
background image
Section 13 Timer RA
Rev. 1.00 Oct. 03, 2008 Page 400 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
1
TCSTF
Timer RA
count status
flag
0: Timer RA counting has been stopped.
1: Timer RA counting is in progress.
[Setting condition]
• When 1 is written to TSTART and counting is
started.
• The start of counting after ELOPA of the event link
controller is selected counting by timer RA, the
specified event is occurred, and the TSTART bit is
set to 1.
[Clearing condition]
• When 0 is written to TSTART and counting is
stopped.
• When 1 is written to TSTOP and counting is
stopped.
R
0
TSTART
Timer RA
count start
0: Timer RA counting is stopped.
1: Timer RA counting is started.
R/W
Note:
1. A MOV instruction should be used to write 0 to this register.
2. The timer RA registers should not be accessed until the TCSIF bit changes after the
TSTART bit is set, apart from TRACR which can be read at any time during timer
operation.
TRACR controls the timer RA counter and indicates the timer RA state.
• TSTOP bit (timer RA count forced stop)
Setting this bit to 1 initializes the counter of the timer and the prescaler, bits TSTART and
TCSTF, and timer outputs. This bit is always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com