| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/20223 bảng dữ liệu(PDF) 414 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20223 bảng dữ liệu(HTML) 414 Page - Renesas Technology Corp |
|
414 / 992 page ![]() Section 12 Event Link Controller Rev. 1.00 Oct. 03, 2008 Page 388 of 962 REJ09B0465-0100 12.3.5 Port Operation upon Event Input and Event Generation The port operation to be performed upon event input to the port can be set and the operation causing the port to generate an event can be set. (1) Single-Ports and Port-Groups There are two event link modes: event link to single-ports and event link to port-groups. In the former mode, events can be connected to single-ports in an 8-bit port. In the latter mode, events can be connected to port-groups consisting of any two or more bits in the same 8-bit port. A single-port can be set by specifying any one bit in the port* to which an event can be connected using the PEL register. A port-group can be set by specifying any two or more bits in the port* to which an event can be connected using the PGR register. One input port-group and one output port-group can be set in the same port. If the port bit is specified as both a single-port and a member of a port-group, both functions are effective when the relevant port is input, whereas only the group-port function is effective when the relevant port is output. The input or output direction of ports can be selected using the PCR register. PCR should be set so that all the bits in the same port-group should have the same direction. Note: Port 3 and port 6 (2) Event Generation by Input Single-Ports An input single-port generates an event when the signal value of the external pin connected to the relevant port changes. The event-generation condition is specified using the PEL0 to PEL3 registers. An example of operation is shown in figure 12.3. (3) Output Single-Port Operation upon Event Input When an event is input to an output single-port, the PDR value of the relevant port changes. The specific change of the PDR value is specified using the PEL0 to PEL3 registers. Thus, the change of the PDR value changes the signal value of the external pin connected to the relevant port. An example of operation is shown in figure 12.3. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |