công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 636 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 636 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 632Page - Renesas Technology Corp H8S/20103 Datasheet HTML 633Page - Renesas Technology Corp H8S/20103 Datasheet HTML 634Page - Renesas Technology Corp H8S/20103 Datasheet HTML 635Page - Renesas Technology Corp H8S/20103 Datasheet HTML 636Page - Renesas Technology Corp H8S/20103 Datasheet HTML 637Page - Renesas Technology Corp H8S/20103 Datasheet HTML 638Page - Renesas Technology Corp H8S/20103 Datasheet HTML 639Page - Renesas Technology Corp H8S/20103 Datasheet HTML 640Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 610 of 962
REJ09B0465-0100
17.2.5
Timer RE Control Register 1 (TRECR1)
Address:
Bit:
Value after reset:
b7
TSTART
b6
H12_H24
b5
PM
b4
TRERST
0
b3
INT
0
b2
TOENA
0
b1
TCSTF
b0
0
H'FFFFAC
• Realtime clock mode
Bit Symbol
Bit Name
Description
R/W
7
TSTART
Counter
operation start
0: Stops timer counter operation
1: Starts timer counter operation
R/W
6
H12_H24*
1
Operating
mode
0: The timer RE operates in 12-hour mode. TREHR
counts on 0 to 11.
1: The timer RE operates in 24-hour mode. TREHR
counts on 0 to 23.
R/W
5
PM*
1
a.m./p.m.
0: Indicates a.m. when the timer RE is in the 12-hour
mode.
1: Indicates p.m. when the timer RE is in the 12-hour
mode.
R/W
4
TRESET
Reset
0: Normal operation
1: Resets all the registers and control circuits, except
TRECSR and the TOENA and TRESET bits in this
register. Clear this bit to 0 after having been set to 1.
R/W
3
INT*
1
Interrupt
generation
timing
0: Generates a second, minute, hour, or day-of-week
periodic interrupt during timer RE busy period.
1: Generates a second, minute, hour, or day-of-week
periodic interrupt immediately after completing timer
RE busy period.*
2
R/W
2
TOENA
TREO pin
output enable
0: Disables timer RE divided clock output.
1: Enables timer RE divided clock output.
R/W
1
TCSTF
Operation
status flag
0: Indicates that timer RE operation has been stopped.
1: Indicates that timer RE operation is in progress.
R
0
Reserved
This bit is read as 0. The write value should be 0.
Note:
1. Bits H12_H24, PM, and INT should be set when the timer RE operation is stopped.
2. This bit should be set to 1 in realtime clock mode and cleared to 0 in output compare
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com