công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 632 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 632 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 628Page - Renesas Technology Corp H8S/20103 Datasheet HTML 629Page - Renesas Technology Corp H8S/20103 Datasheet HTML 630Page - Renesas Technology Corp H8S/20103 Datasheet HTML 631Page - Renesas Technology Corp H8S/20103 Datasheet HTML 632Page - Renesas Technology Corp H8S/20103 Datasheet HTML 633Page - Renesas Technology Corp H8S/20103 Datasheet HTML 634Page - Renesas Technology Corp H8S/20103 Datasheet HTML 635Page - Renesas Technology Corp H8S/20103 Datasheet HTML 636Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 606 of 962
REJ09B0465-0100
17.2.1
Timer RE Second Data Register/Counter Data Register (TRESEC)
Address:
Bit:
Value after reset:
b7
BSY
b6
SC12
b5
SC11
b4
SC10
b3
SC03
b2
SC02
b1
SC01
b0
SC00
H'FFFFA8
• Realtime clock mode
Bit Symbol Bit Name
Description
R/W
7
BSY
Timer RE busy This bit is set to 1 when the timer RE is updating (calculating)
the values of second, minute, hour, and day-of-week data
registers. When this bit is 0, the values of second, minute,
hour, and day-of-week data registers must be adopted.
R
6
SC12
R/W
5
SC11
R/W
4
SC10
Counting ten's
position of
seconds
Counts on 0 to 5 for 60-second counting.
R/W
3
SC03
R/W
2
SC02
R/W
1
SC01
R/W
0
SC00
Counting one's
position of
seconds
Counts on 0 to 9 once per second. When a carry is
generated, 1 is added to the ten's position.
R/W
• Output-compare mode
Bit Symbol
Bit Name
Description
R/W
7
BSY
R
6
SC12
R/W
5
SC11
R/W
4
SC10
R/W
3
SC03
R/W
2
SC02
R/W
1
SC01
R/W
0
SC00
Used as an 8-bit register for reading the counter data.
The counter value is retained when counting is stopped.
This register is initialized to H’00 with a compare-match.
R/W
TRESEC counts the BCD-coded second value in realtime clock mode. TRESEC is incremented
from decimal 00 to 59. TRESEC is used as an 8-bit register for reading the counter data in output-
compare mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com