công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 634 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 634 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 630Page - Renesas Technology Corp H8S/20103 Datasheet HTML 631Page - Renesas Technology Corp H8S/20103 Datasheet HTML 632Page - Renesas Technology Corp H8S/20103 Datasheet HTML 633Page - Renesas Technology Corp H8S/20103 Datasheet HTML 634Page - Renesas Technology Corp H8S/20103 Datasheet HTML 635Page - Renesas Technology Corp H8S/20103 Datasheet HTML 636Page - Renesas Technology Corp H8S/20103 Datasheet HTML 637Page - Renesas Technology Corp H8S/20103 Datasheet HTML 638Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 608 of 962
REJ09B0465-0100
17.2.3
Timer RE Hour Data Register (TREHR)
Address:
Bit:
Value after reset:
b7
BSY
b6
0
b5
HR11
b4
HR10
b3
HR03
b2
HR02
b1
HR01
b0
HR00
H'FFFFAA
Bit Symbol Bit Name
Description
R/W
7
BSY
Timer RE busy This bit is set to 1 when the timer RE is updating (calculating)
the values of second, minute, hour, and day-of-week data
registers. When this bit is 0, the values of second, minute,
hour, and day-of-week data registers must be adopted.
R
6
Reserved
This bit is read as 0. The write value should be 0.
5
HR11
R/W
4
HR10
Counting ten's
position of
hours
Counts on 0 to 2 for ten's position of hours
R/W
3
HR03
R/W
2
HR02
R/W
1
HR01
R/W
0
HR00
Counting one's
position of
hours
Counts on 0 to 9 once per hour. When a carry is generated, 1
is added to the ten's position.
R/W
TREHR is used in realtime clock mode and counts the BCD-coded hour value on the carry
generated once per hour by TREMIN. TREHR is incremented either from decimal 00 to 11 or 00
to 23 by the selection of the 12/24 bit in TRECR1. This register is not used in output-compare
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com