công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 69Page - Renesas Technology Corp H8S/20103 Datasheet HTML 70Page - Renesas Technology Corp H8S/20103 Datasheet HTML 71Page - Renesas Technology Corp H8S/20103 Datasheet HTML 72Page - Renesas Technology Corp H8S/20103 Datasheet HTML 73Page - Renesas Technology Corp H8S/20103 Datasheet HTML 74Page - Renesas Technology Corp H8S/20103 Datasheet HTML 75Page - Renesas Technology Corp H8S/20103 Datasheet HTML 76Page - Renesas Technology Corp H8S/20103 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 47 of 962
REJ09B0465-0100
Table 2.7
Bit Manipulation Instructions (1)
Instruction
Size*
Function
BSET
B
1
→ (<bit-No.> of <EAd>)
Sets a specified bit in a general register or memory operand to 1. The
bit number is specified by 3-bit immediate data or the lower three bits
of a general register.
BCLR
B
0
→ (<bit-No.> of <EAd>)
Clears a specified bit in a general register or memory operand to 0.
The bit number is specified by 3-bit immediate data or the lower three
bits of a general register.
BNOT
B
∼ (<bit-No.> of <EAd>) → (<bit-No.> of <EAd>)
Inverts a specified bit in a general register or memory operand. The bit
number is specified by 3-bit immediate data or the lower three bits of a
general register.
BTST
B
∼ (<bit-No.> of <EAd>) → Z
Tests a specified bit in a general register or memory operand and sets
or clears the Z flag accordingly. The bit number is specified by 3-bit
immediate data or the lower three bits of a general register.
BAND
B
C
∧ (<bit-No.> of <EAd>) → C
Logically ANDs the carry flag with a specified bit in a general register
or memory operand and stores the result in the carry flag.
BIAND
B
C
∧ (<bit-No.> of <EAd>) → C
Logically ANDs the carry flag with the inverse of a specified bit in a
general register or memory operand and stores the result in the carry
flag.
The bit number is specified by 3-bit immediate data.
BOR
B
C
∨ (<bit-No.> of <EAd>) → C
Logically ORs the carry flag with a specified bit in a general register or
memory operand and stores the result in the carry flag.
BIOR
B
C
∨ (∼ <bit-No.> of <EAd>) → C
Logically ORs the carry flag with the inverse of a specified bit in a
general register or memory operand and stores the result in the carry
flag.
The bit number is specified by 3-bit immediate data.
Note:
*
Size refers to the operand size.
B:
Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com