công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 635 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 635 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 631Page - Renesas Technology Corp H8S/20103 Datasheet HTML 632Page - Renesas Technology Corp H8S/20103 Datasheet HTML 633Page - Renesas Technology Corp H8S/20103 Datasheet HTML 634Page - Renesas Technology Corp H8S/20103 Datasheet HTML 635Page - Renesas Technology Corp H8S/20103 Datasheet HTML 636Page - Renesas Technology Corp H8S/20103 Datasheet HTML 637Page - Renesas Technology Corp H8S/20103 Datasheet HTML 638Page - Renesas Technology Corp H8S/20103 Datasheet HTML 639Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 609 of 962
REJ09B0465-0100
17.2.4
Timer RE Day-of-Week Data Register (TREWK)
Address:
Bit:
Value after reset:
b7
BSY
b6
0
b5
0
b4
0
b3
0
b2
b1
WK[2:0]
b0
H'FFFFAB
Bit
Symbol Bit Name
Description
R/W
7
BSY
Timer RE busy This bit is set to 1 when the timer RE is updating
(calculating) the values of second, minute, hour, and day-
of-week data registers. When this bit is 0, the values of
second, minute, hour, and day-of-week data registers
must be adopted.
R
6 to 3
Reserved
These bits are read as 0. The write value should be 0.
2 to 0
WK[2:0] Day-of-week
counting
000: Sunday
001: Monday
010: Tuesday
011: Wednesday
100: Thursday
101: Friday
110: Saturday
111: Setting prohibited
R/W
TREWK is used in realtime clock mode and counts the BCD-coded day-of-week value on the
carry generated once per day by TREHR. Bits WK[2:0] indicate the day of the week with a binary
code, ranging from decimal 0 to 6. This register is not used in output-compare mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com