công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 639 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 639 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 635Page - Renesas Technology Corp H8S/20103 Datasheet HTML 636Page - Renesas Technology Corp H8S/20103 Datasheet HTML 637Page - Renesas Technology Corp H8S/20103 Datasheet HTML 638Page - Renesas Technology Corp H8S/20103 Datasheet HTML 639Page - Renesas Technology Corp H8S/20103 Datasheet HTML 640Page - Renesas Technology Corp H8S/20103 Datasheet HTML 641Page - Renesas Technology Corp H8S/20103 Datasheet HTML 642Page - Renesas Technology Corp H8S/20103 Datasheet HTML 643Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 992 page
background image
Section 17 Timer RE
Rev. 1.00 Oct. 03, 2008 Page 613 of 962
REJ09B0465-0100
17.2.6
Timer RE Control Register 2 (TRECR2)
Address:
Bit:
Value after reset:
b7
0
b6
0
b5
COMIE
0
b4
WKIE
0
b3
DYIE
0
b2
HRIE
0
b1
MNIE
0
b0
SEIE
0
H'FFFFAD
Bit
Symbol Bit Name
Description
R/W
7, 6
Reserved
These bits are read as 0. The write value should be 0.
5
COMIE
Compare-match
interrupt enable
0: Disables a compare-match interrupt
1: Enables a compare-match interrupt
This bit should be 0 in realtime clock mode.
R/W
4
WKIE
Week periodic
interrupt enable
0: Disables a week periodic interrupt
1: Enables a week periodic interrupt
This bit should be 0 in output-compare mode.
R/W
3
DYIE
Day periodic
interrupt enable
0: Disables a day periodic interrupt
1: Enables a day periodic interrupt
This bit should be 0 in output-compare mode.
R/W
2
HRIE
Hour periodic
interrupt enable
0: Disables an hour periodic interrupt
1: Enables an hour periodic interrupt
This bit should be 0 in output-compare mode.
R/W
1
MNIE
Minute periodic
interrupt enable
0: Disables a minute periodic interrupt
1: Enables a minute periodic interrupt
This bit should be 0 in output-compare mode.
R/W
0
SEIE
Second periodic
interrupt enable
0: Disables a second periodic interrupt
1: Enables a second periodic interrupt
This bit should be 0 in output-compare mode.
R/W
Notes: 1. When using interrupts, this register should be set last after other registers are set.
2. The COMIE bit should be set when counting operation is stopped.
3. Bits WKIE, DYIE, HRIE, MNIE, and SEIE should be set when timer RE operation is
stopped.
TRECR2 controls timer RE periodic interrupts of weeks, days, hours, minutes, and seconds in
realtime clock mode. Enabling interrupts of weeks, days, hours, minutes, and seconds sets the
interrupt request flag to 1 in the timer RE interrupt flag register (TREIFR) when an interrupt
occurs. It also controls a compare-match interrupt when output-compare mode is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com