công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1171 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1171 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1167Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1168Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1169Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1170Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1171Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1172Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1173Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1174Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1171 / 1250 page
background image
Section 31 Electrical Characteristics
Rev. 2.00 Aug. 20, 2008 Page 1123 of 1198
REJ09B0403-0200
4. Supply current values are for V
IH min = VCC – 0.2 V and VIL max = 0.2 V with all output pins
unloaded and the on-chip pull-up MOSs in the off state.
5. When VCC = 3.0 V, V
IH min = VCC – 0.2 V, and VIL max = 0.2 V.
Table 31.3
Permissible Output Currents
Conditions: VCC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, DrVCC = 3.0 V to 3.6 V,
AVref*
1 = 3.0 V to AVCC, VSS = AVSS*1 = DrVSS = 0 V
Item
Symbol Min.
Typ.
Max.
Unit
SCL5 to SCL0, SDA5 to SDA0
10
mA
HC7 to HC0
12
Permissible output low current
(per pin)
Other output pins
I
OL
1.6
Total of HC7 to HC0
48
Permissible output low current
(total)
Total of all output pins,
including the above
∑I
OL
90
Permissible output high
current (per pin)
All output pins
–I
OH
2
Permissible output high
current (total)
Total of all output pins
∑–I
OH
60
Notes:
1. To protect LSI reliability, do not exceed the output current values in table 31.3.
2. When driving a Darlington transistor or LED, always insert a current-limiting resistor in the output
line, as show in figures 31.1 and 31.2.
This LSI
Port
2 k
Ω
Darlington transistor
Figure 31.1 Darlington Transistor Drive Circuit (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com