công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1170 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1170 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1166Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1167Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1168Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1169Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1170Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1171Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1172Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1173Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1170 / 1250 page
background image
Section 31 Electrical Characteristics
Rev. 2.00 Aug. 20, 2008 Page 1122 of 1198
REJ09B0403-0200
Table 31.2
DC Characteristics (2)
Conditions: VCC = 3.0 V to 3.6 V, AVCC*
1 = 3.0 V to 3.6 V, DrVCC = 3.0 V to 3.6 V,
AVref*
1 = 3.0 V to AVCC, VSS = AVSS*1 = DrVSS = 0 V
Item
Symbol Min. Typ. Max. Unit
Test
Conditions
Input leakage
current
RES, STBY, NMI, FWE,
MD2, MD1
I
in
1.0
µA
V
IN = 0.5 to VCC – 0.5 V
Port 7
1.0
V
IN = 0.5 to AVCC – 0.5 V
Three-state
leakage
current
(off state)
Ports 1 to 6
Ports 8 to F
I
TSI
1.0
V
IN = 0.5 to VCC – 0.5 V
Input pull-up
MOS current
Ports 1 to 4, 6, A, D5 to D0
–I
P
20
300
V
IN = 0 V
Normal operation
I
CC
45
60
mA
f = 34 MHz, high-speed mode,
All modules operating
Sleep mode
35
45
f = 34 MHz
40
100
µA
Ta
≤ 50 °C
Supply
current*
4
Standby mode*
5
250
50 °C < Ta
During A/D conversion
AI
cc
1.0
2.0
mA
Analog
power
supply
current
A/D conversion standby
2.5
5.0
µA
During A/D conversion
AI
ref
0.1
1.0
mA
Reference
power
supply
current
A/D conversion standby
0.5
5.0
µA
Input
capacitance
All input pin
C
in
10
pF
V
in = 0 V, f = 1 MHz,
T
a = 25 °C
RAM standby voltage
V
RAM
3.0
V
VCC start voltage
VCC
START
0
0.8
V
VCC rising edge
SVCC
20
ms/V
Notes:
1.
Do not leave the AVCC, AVref, and AVSS pins open even if the A/D converter is not used.
Even if the A/D converter is not used, apply a value in the range from 3.0 V to 3.6 V to the AVCC
and AVref pins by connecting them to the power supply (VCC). The relationship between these
two pins should be AVref
≤ AVCC.
2. An external pull-up resistor is necessary to provide high-level output from SCL5 to SCL0, SDA5 to
SDA0 (ICE bit in ICCR is 1),
CLKRUN, GA20, PME, LSMI, and LSCI.
3. Ports 80 to 83, C0 to C5, D6, and D7 are NMOS push-pull outputs.
High levels on ports 80 to 83, C0 to C5, D6, and D7 are driven by NMOS. An external pull-up
resistor is necessary to provide high-level output from these pins when they are used as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com