công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1167 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1167 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1163Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1164Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1165Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1166Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1167Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1168Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1169Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1170Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1167 / 1250 page
background image
Section 31 Electrical Characteristics
Rev. 2.00 Aug. 20, 2008 Page 1119 of 1198
REJ09B0403-0200
Section 31 Electrical Characteristics
31.1
Absolute Maximum Ratings
Table 31.1 lists the absolute maximum ratings.
Table 31.1
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Power supply voltage*
VCC, DrVCC –0.3 to +4.3
V
Input voltage (pins multiplexed
with analog input)
(1)
V
in
–0.3 to AVCC + 0.3
Input voltage (pins multiplexed
with IIC functions)
(2)
V
in
–0.3 to +6.5
Input voltage (pins other than (1) and
(2) above)
V
in
–0.3 to VCC + 0.3
Reference power supply voltage
AVref
–0.3 to AVCC + 0.3
Analog power supply voltage
AVCC
–0.3 to +4.3
Analog input voltage
V
AN
–0.3 to AVCC + 0.3
PECI reference power supply voltage
PEVref
–0.3 to +1.5
Input voltage (PECI)
V
in
–0.15 to PEVref + 0.15
Operating temperature
T
opr
–20 to +75 (regular specifications) °C
–40 to +85 (wide temperature
specifications)
Operating temperature
(when flash memory is programmed or
erased)
T
opr
0 to +75
Storage temperature
T
stg
–55 to +125
Caution: Permanent damage to this LSI may result if absolute maximum ratings are exceeded.
Note:
*
Voltage applied to the VCC pin.
Make sure power is not applied to the VCL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com