công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1173 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1173 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1169Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1170Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1171Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1172Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1173Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1174Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1175Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1176Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1173 / 1250 page
background image
Section 31 Electrical Characteristics
Rev. 2.00 Aug. 20, 2008 Page 1125 of 1198
REJ09B0403-0200
31.3
AC Characteristics
Figure 31.3 shows the test conditions for the AC characteristics.
3 V
RL
I/O timing test levels
• Low level
: 0.8 V
• High level
: 1.5 V
RH
C
LSI output pin
C = 30pF : All ports
RL = 2.4 kΩ
RH = 12 kΩ
Figure 31.3 Output Load Circuit
31.3.1
Clock Timing
Table 31.4 shows the clock timing. The clock timing specified here covers clock output (
φ) and
clock pulse generator (crystal) and external clock input (EXTAL pin) oscillation stabilization
times. For details of external clock input (EXTAL pin and EXCL pin) timing, see table 31.5 and
31.6.
Table 31.4
Clock Timing
Conditions: VCC = 3.0 V to 3.6 V, VSS = 0 V,
φ = 20 MHz to 34 MHz
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Clock cycle time
t
cyc
29.4
50
ns
Clock high level pulse
width
t
CH
9.7
Clock low level pulse width t
CL
9.7
Clock rise time
t
Cr
5
Clock fall time
t
Cf
5
Figure 31.4
Reset oscillation
stabilization (crystal)
t
OSC1
10
ms
Figure 31.5
Software standby
oscillation stabilization time
(crystal)
t
OSC2
8
Figure 31.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com