công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1094 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1094 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1090Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1093Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1094Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1095Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1096Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1097Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1098Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1094 / 1250 page
background image
Section 26 Boundary Scan (JTAG)
Rev. 2.00 Aug. 20, 2008 Page 1046 of 1198
REJ09B0403-0200
3. The registers are not initialized in standby mode. If the
ETRST pin is set to 0 in standby mode,
IDCODE mode will be entered.
4. The frequency of the ETCK pin must be lower than that of the system clock. For details, see
section 31, Electrical Characteristics.
5. Data input/output in serial data transfer starts from the LSB. Figure 26.4 and 26.5 shows
examples of serial data input/output.
6. When data that exceeds the number of bits of the register connected between the ETDI and
ETDO pins is serially transferred, the serial data that exceeds the number of register bits and
output from the ETDO pin is the same as that input from the ETDI pin.
7. If the JTAG serial transfer sequence is disrupted, the
ETRST pin must be reset. Transfer
should then be retried, regardless of the transfer operation.
8. If a pin with a pull-up function is sampled while its pull-up function is enabled, 1 can be
detected at the corresponding input scan register. In this case, the corresponding enable scan
register should be cleared to 0.
9. If a pin with an open-drain function is sampled while its open-drain function is enabled and its
corresponding output scan register is 1, 0 can be detected at the corresponding enable scan
register.
ETDI
SDIR
SDIR
ETDO
Bit 31
Bit 31
Bit 0
Bit 0
SDIR serial data input/output
SDIR is captured into the shift register in Capture-IR, and bits 0 to 31 of SDIR are output in that order
from the ETDO pin in Shift-IR.
Data input from the ETDI pin is written to SDIR in Update-IR.
.
.
.
.
.
.
.
.
.
.
.
Capture-IR
ETDI
ETDO
Bit 31
Bit 31
Bit 28
Bit 28
.
.
.
Update-IR
Figure 26.4 Serial Data Input/Output (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com